Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA4485 Datasheet(PDF) 13 Page - ON Semiconductor

Part # FSA4485
Description  USB Type-C Analog Audio Switch with Over Voltage Protection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA4485 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button FSA4485 Datasheet HTML 9Page - ON Semiconductor FSA4485 Datasheet HTML 10Page - ON Semiconductor FSA4485 Datasheet HTML 11Page - ON Semiconductor FSA4485 Datasheet HTML 12Page - ON Semiconductor FSA4485 Datasheet HTML 13Page - ON Semiconductor FSA4485 Datasheet HTML 14Page - ON Semiconductor FSA4485 Datasheet HTML 15Page - ON Semiconductor FSA4485 Datasheet HTML 16Page - ON Semiconductor FSA4485 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
FSA4485
www.onsemi.com
12
Accessory attach detection DET will clear automatically
when the Type−C device or audio accessory is detached.
Figure 5. Detect Pin Function
Gate Drive
The FSA4485 includes two gate drive outputs GD1 and
GD2 to allow a low resistance external switch to be used for
AGND. The gate drives are enabled from the I2C register
GATE_DRIVE_EN and will follow automatic orientation
detection. When enabled, if SBU1 = AGND then GD1 =
High, If SBU2 = AGND then GD2 = High.
The gate to source voltage (Vgs) will be held at V_GATE
to ensure low on resistance. The maximum gate drive
current can be selected from the I2C register
GATE_DRIVE_CURR to control switch turn on time.
GATE DRIVE CURRENT
Register Value
GATE_DRIVE_CURR
00b
1 mA
01b
1.5 mA
10b
2.0 mA (default)
11b
3.0 mA
EN and Factory Mode
The enable input (EN) is a 3 state input which sets the USB
and SBU data switch initial conditions during device power
up. It has a weak internal pull down which will set the default
condition to High−Z if no input level is present. For
applications using the SBU signals for data the EN input can
be floated or connected to a GPIO in High−Z state at power
up. For typical conditions EN can be tied to GND. EN is tied
to GND using a 10 k
W resistor if also using the EN input to
disable the device. It is not recommended that the EN =
High−Z condition be used if the system uses SBU for the
DisplayPort Aux channel.
Figure 6. EN Input Truth Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com