Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA4485 Datasheet(PDF) 21 Page - ON Semiconductor

Part # FSA4485
Description  USB Type-C Analog Audio Switch with Over Voltage Protection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA4485 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button FSA4485 Datasheet HTML 17Page - ON Semiconductor FSA4485 Datasheet HTML 18Page - ON Semiconductor FSA4485 Datasheet HTML 19Page - ON Semiconductor FSA4485 Datasheet HTML 20Page - ON Semiconductor FSA4485 Datasheet HTML 21Page - ON Semiconductor FSA4485 Datasheet HTML 22Page - ON Semiconductor FSA4485 Datasheet HTML 23Page - ON Semiconductor FSA4485 Datasheet HTML 24Page - ON Semiconductor FSA4485 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
FSA4485
www.onsemi.com
20
Table 9. SWITCH STATUS 1
0x06 SWITCH_STAT_1
Default = 00000000
Bit
Name
Default
Type
Description
7:6
Reserved
00
Read
Do Not Use
5:4
SENSE_STAT
00
Read
00b: SENSE switch is OPEN
01b: SENSE switch is CLOSED to GSBU1
10b: SENSE Switch is CLOSED to GSBU2
11b: Not Valid
3:2
DP_R_STAT
00
Read
00b: DP_R switch is OPEN
01b: DP_R switch is CLOSED to DP
10b: DP_R Switch is CLOSED to R
11b: Not Valid
1:0
DN_L_STAT
00
Read
00b: DN_L switch is OPEN
01b: DN_L switch is CLOSED to DN
10b: DN_L Switch is CLOSED to L
11b: Not Valid
Table 10. SWITCH STATUS 2
0x07 SWITCH_STAT_2
Default = 00000000
Bit
Name
Default
Type
Description
7:6
Reserved
00
Read
Do Not Use
5:3
SBU2_STAT
000
Read
000b: SBU2 switch is OPEN
001b: SBU2 switch is CLOSED to MIC
010b: SBU2 Switch is CLOSED to AGND
011b: SBU2 Switch is CLOSED to S1H
100b: SBU2 Switch is CLOSED to S2H
101b: SBU2 Switch is CLOSED to both S1H and S2H
110b: Not Valid
111b: Not Valid
2:0
SBU1_STAT
000
Read
000b: SBU1 switch is OPEN
001b: SBU1 switch is CLOSED to MIC
010b: SBU1 Switch is CLOSED to AGND
011b: SBU1 Switch is CLOSED to S1H
100b: SBU1 Switch is CLOSED to S2H
101b: SBU1 Switch is CLOSED to both S1H and S2H
110b: Not Valid
111b: Not Valid
Table 11. AUDIO SWITCH LEFT CHANNEL SLOW TURN ON TIME
0x08 AUDIO_SLOW_LEFT
Default = 00000001
Bit
Name
Default
Type
Description
7:0
AUDIO_SLOW_LEFT 00000001
R/W
00000000b: = 180 ms
00000001b: = 330 ms (DEFAULT)
Typical turn on time (tON) is incremented approximately 150 ms per bit
Table 12. AUDIO SWITCH RIGHT CHANNEL SLOW TURN ON TIME
0x09 AUDIO_SLOW_RIGHT
Default = 00000001
Bit
Name
Default
Type
Description
7:0
AUDIO_SLOW_RIGHT 00000001
R/W
00000000b: = 180 ms
00000001b: = 330 ms (DEFAULT)
Typical turn on time (tON) is incremented approximately 150 ms per bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com