Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSV360FP Datasheet(PDF) 1 Page - ON Semiconductor

Part # FSV360FP
Description  Schottky Barrier Rectifier, Surface Mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSV360FP Datasheet(HTML) 1 Page - ON Semiconductor

  FSV360FP Datasheet HTML 1Page - ON Semiconductor FSV360FP Datasheet HTML 2Page - ON Semiconductor FSV360FP Datasheet HTML 3Page - ON Semiconductor FSV360FP Datasheet HTML 4Page - ON Semiconductor FSV360FP Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2014
June, 2020 − Rev. 6
1
Publication Order Number:
FSV360FP/D
Schottky Barrier Rectifier,
Surface Mount
FSV340FP, FSV360FP
Features
• Low Forward Voltage Drop:
♦ FSV340FP: 0.52 V Maximum at 3 A, TA = 25°C
♦ FSV360FP: 0.65 V Maximum at 3 A, TA = 25°C
• Larger Cathode Pad for Improved Power Dissipation
• Ultra Thin Profile − Maximum Height of 1.0 mm
• High Surge Capacity
• UL Flammability 94V−0 Classification
• MSL 1
• Green Mold Compound
• These Devices are Pb−Free, Halogen Free Free and are RoHS
Compliant
Specifications
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
FSV340FP FSV360FP
VRRM
Recurrent Peak Reverse
Voltage
40
60
V
VRMS
RMS Reverse Voltage
28
42
V
VR
DC Blocking Voltage
40
60
V
IF(AV)
Average Forward Current at
TL = 75°C
3
A
IFSM
Peak Forward Surge Current:
8.3 ms Single Half Sine−Wave
Superimposed on Rated Load
(JEDEC Method)
80
A
TJ
Operating Junction
Temperature Range
−55 to +150
°C
TSTG
Storage Temperature Range
−55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
SOD−123EP
CASE 425AC
www.onsemi.com
MARKING DIAGRAM
&Y
= Binary Calendar Year Coding Scheme
&Z
= Assembly Plant Code
**
= Specific Device Code − (FC, FD)
&G
= Single Digit Weekly Data Code
Band Indicates Cathode
ORDERING INFORMATION
See detailed ordering and shipping information on page 2 of
this data sheet.
Schottky Barrier Rectifier
12
Cathode
Anode
&Y
&Z**&G


Similar Part No. - FSV360FP

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
FSV360FP SHUNYE-FSV360FP Datasheet
555Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
V2.22
More results

Similar Description - FSV360FP

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com