Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSV360FP Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSV360FP
Description  Schottky Barrier Rectifier, Surface Mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSV360FP Datasheet(HTML) 2 Page - ON Semiconductor

  FSV360FP Datasheet HTML 1Page - ON Semiconductor FSV360FP Datasheet HTML 2Page - ON Semiconductor FSV360FP Datasheet HTML 3Page - ON Semiconductor FSV360FP Datasheet HTML 4Page - ON Semiconductor FSV360FP Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FSV340FP, FSV360FP
www.onsemi.com
2
THERMAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Note 1)
Symbol
Characteristic
Value
Unit
ΨJL
Typical Thermal Characteristics, Junction−to−Lead (Note 2)
10
°C/W
RqJA
Typical Thermal Resistance, Junction−to−Ambient
140
°C/W
1. Per JESD51−3 recommended thermal test board. Device mounted on FR−4 PCB, board size = 76.2 mm x 114.3 mm.
2. Thermocouple soldered at cathode lead.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
Forward Voltage
IF = 3 A
FSV340FP
−
−
0.52
V
FSV360FP
−
−
0.65
IR
Reverse Current
VR = 40 V
FSV340FP
−
−
160
mA
VR = 60 V
FSV360FP
−
−
100
Trr
Reverse Recovery Time
IF = 0.5 A, IR = 1 A,
Irr = 0.25 A
FSV340FP
−
12.37
−
ns
FSV360FP
−
10.62
−
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
ORDERING INFORMATION
Part Number
Top Mark
Package
Shipping†
FSV340FP
FC
SOD−123EP
(Pb−Free/Halogen Free)
3000 / Tape & Reel
FSV360FP
FD
SOD−123EP
(Pb−Free/Halogen Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com