Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSO16IS Datasheet(PDF) 39 Page - STMicroelectronics

Part # LSM6DSO16IS
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO16IS Datasheet(HTML) 39 Page - STMicroelectronics

Back Button LSM6DSO16IS Datasheet HTML 35Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 36Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 37Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 38Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 39Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 40Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 41Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 42Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 107 page
background image
9.15
CTRL10_C (19h)
Control register 10 (R/W)
Table 51. CTRL10_C register
0(1)
0(1)
TIMESTAMP
_EN
0(1)
0(1)
ISPU_
CLK_SEL
0(1)
0(1)
1. This bit must be set to 0 for the correct operation of the device.
Table 52. CTRL10_C register description
TIMESTAMP_EN
Enables timestamp counter. Default value: 0
(0: disabled; 1: enabled)
The counter is readable in TIMESTAMP0 (40h), TIMESTAMP1 (41h), TIMESTAMP2 (42h), and
TIMESTAMP3 (43h).
ISPU_CLK_SEL
Selects the ISPU core clock frequency:
0: core clock frequency set to 5 MHz (default)
1: core clock frequency set to 10 MHz
9.16
ISPU_INT_STATUS0_MAINPAGE (1Ah), ISPU_INT_STATUS1_MAINPAGE (1Bh),
ISPU_INT_STATUS2_MAINPAGE (1Ch), ISPU_INT_STATUS3_MAINPAGE (1Dh)
ISPU interrupt status registers (R)
Table 53. ISPU_INT_STATUS0_MAINPAGE output register
IA_
ISPU_7
IA_
ISPU_6
IA_
ISPU_5
IA_
ISPU_4
IA_
ISPU_3
IA_
ISPU_2
IA_
ISPU_1
IA_
ISPU_0
Table 54. ISPU_INT_STATUS1_MAINPAGE output register
IA_
ISPU_15
IA_
ISPU_14
IA_
ISPU_13
IA_
ISPU_12
IA_
ISPU_11
IA_
ISPU_10
IA_
ISPU_9
IA_
ISPU_8
Table 55. ISPU_INT_STATUS2_MAINPAGE output register
IA_
ISPU_23
IA_
ISPU_22
IA_
ISPU_21
IA_
ISPU_20
IA_
ISPU_19
IA_
ISPU_18
IA_
ISPU_17
IA_
ISPU_16
Table 56. ISPU_INT_STATUS3_MAINPAGE output register
0
0
IA_
ISPU_29
IA_
ISPU_28
IA_
ISPU_27
IA_
ISPU_26
IA_
ISPU_25
IA_
ISPU_24
Table 57. ISPU_INT_STATUS_MAINPAGE output register description
IA_ISPU_[29:0]
Generic interrupt flags from ISPU.
LSM6DSO16IS
CTRL10_C (19h)
DS13892 - Rev 2
page 39/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com