Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSO16IS Datasheet (PDF) - STMicroelectronics

LSM6DSO16IS Datasheet PDF - STMicroelectronics
Part # LSM6DSO16IS
Download  LSM6DSO16IS Download
File Size   3491.62 Kbytes
Page   107 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit

LSM6DSO16IS Datasheet (PDF)

Go To PDF Page Download Datasheet
LSM6DSO16IS Datasheet PDF - STMicroelectronics

Part # LSM6DSO16IS
Download  LSM6DSO16IS Click to download

File Size   3491.62 Kbytes
Page   107 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit

LSM6DSO16IS Datasheet (HTML) - STMicroelectronics


LSM6DSO16IS Product details

Features
• 3-axis accelerometer with selectable full scale: ±2/±4/±8/±16 g
• 3-axis gyroscope with selectable full scale: ±125/±250/±500/±1000/±2000 dps
• Embedded ISPU: ultra-low-power, high-performance programmable core to
execute signal processing and AI algorithms in the edge for a seamless digitallife
experience
• Low-power consumption: 0.59 mA in high-performance mode, 0.46 mA in lowpower
mode (gyroscope + accelerometer only, ISPU not included)
• Low noise: 70 μg/√Hz in high-performance mode
• Sensor hub feature to efficiently collect data from additional external sensors (up
to 4 external sensors)
• SPI / I²C serial interface
• Analog supply voltage: 1.71 V to 3.6 V with independent IO supply (1.62 V)
• Temperature range from -40 to +85 °C
• Embedded temperature sensor
• Compact footprint: 2.5 mm x 3 mm x 0.83 mm
• ECOPACK and RoHS compliant

Description
The LSM6DSO16IS is a system-in-package featuring a 3-axis digital accelerometer
and a 3-axis digital gyroscope, boosting performance at 0.59 mA in high-performance
mode and enabling always-on low-power features for optimal motion results in
personal electronics and IoT solutions.
The LSM6DSO16IS has a full-scale acceleration range of ±2/±4/±8/±16 g and
an angular rate range of ±125/±250/±500/±1000/±2000 dps. The module features
programmable interrupts and an on-chip sensor hub which includes up to 6 sensors:
the internal accelerometer & gyroscope and 4 external sensors.
The LSM6DSO16IS embeds a new ST category of processing, ISPU (intelligent
sensor processing unit) to support real-time applications that rely on sensor data. The
ISPU is an ultra-low-power, high-performance programmable core which can execute
signal processing and AI algorithms in the edge. The main benefits of the ISPU are C
programming and an enhanced ecosystem with libraries and 3rd party tools/IDE.
Its optimized ultra-low-power hardware circuitry for real-time execution of the
algorithms is a state-of-the-art feature for any personal electronics, from wearable
accessories to high-end applications.
The LSM6DSO16IS is available in a plastic land grid array (LGA) package.

Applications
• Complex motion detection and gesture recognition
• Activity recognition and tracking
• IoT and connected devices
• Wearables and smart watches for sports and personal health
• Smart pens, gaming and remote controllers




Similar Part No. - LSM6DSO16IS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DSO16IS STMICROELECTRONICS-LSM6DSO16IS Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results


Similar Description - LSM6DSO16IS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DS3US STMICROELECTRONICS-LSM6DS3US Datasheet
1Mb / 104P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
April 2016 Rev 4
LSM6DSL STMICROELECTRONICS-LSM6DSL Datasheet
1Mb / 113P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2016 Rev 5
LSM6DSR STMICROELECTRONICS-LSM6DSR Datasheet
2Mb / 168P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
Rev 2
ISM330IS STMICROELECTRONICS-ISM330IS Datasheet
3Mb / 105P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
01-Jun-2022
LSM6DSO32 STMICROELECTRONICS-LSM6DSO32 Datasheet
1Mb / 153P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
13-Mar-2020
LSM6DSOX STMICROELECTRONICS-LSM6DSOX Datasheet
3Mb / 199P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
LSM6DSTX STMICROELECTRONICS-LSM6DSTX Datasheet
5Mb / 175P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core
21-Jul-2022
LSM6DSV STMICROELECTRONICS-LSM6DSV Datasheet
4Mb / 187P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope
15-Jul-2022
LSM6DSV16X STMICROELECTRONICS-LSM6DSV16X Datasheet
5Mb / 196P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
15-Jul-2022
LSM6DSO STMICROELECTRONICS-LSM6DSO Datasheet
2Mb / 172P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com