Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSTX Datasheet (PDF) - STMicroelectronics

LSM6DSTX Datasheet PDF - STMicroelectronics
Part # LSM6DSTX
Download  LSM6DSTX Download
File Size   5422.31 Kbytes
Page   175 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core

LSM6DSTX Datasheet (PDF)

Go To PDF Page Download Datasheet
LSM6DSTX Datasheet PDF - STMicroelectronics

Part # LSM6DSTX
Download  LSM6DSTX Click to download

File Size   5422.31 Kbytes
Page   175 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core

LSM6DSTX Datasheet (HTML) - STMicroelectronics


LSM6DSTX Product details

Features
• Power consumption: 0.55 mA in combo high-performance mode
• “Always-on" experience with low power consumption for both accelerometer and
gyroscope
• Smart FIFO up to 9 KB
• Android compliant
• ±2/±4/±8/±16 g full scale
• ±125/±250/±500/±1000/±2000 dps full scale
• Analog supply voltage: 1.71 V to 3.6 V
• Independent IO supply (1.62 V)
• Compact footprint: 2.5 mm x 3 mm x 0.83 mm
• SPI / I²C & MIPI I3CSM serial interface with main processor data synchronization
• Auxiliary SPI for OIS data output for gyroscope and accelerometer
• OIS configurable from aux SPI, primary interface (SPI / I²C & MIPI I3CSM)
• Advanced pedometer, step detector and step counter
• Significant motion detection, tilt detection
• Standard interrupts: free-fall, wakeup, 6D/4D orientation, click and double-click
• Programmable finite state machine: accelerometer, gyroscope and external
sensors
• Machine learning core
• Embedded temperature sensor
• ECOPACK and RoHS compliant

Description
The LSM6DSTX is a system-in-package featuring a 3-axis digital accelerometer and
a 3-axis digital gyroscope, boosting performance at 0.55 mA in high-performance
mode and enabling always-on low-power features for an optimal motion experience
for the consumer.

Applications
• Motion tracking and gesture detection
• Sensor hub
• Indoor navigation
• IoT and connected devices
• Smart power saving for handheld devices
• EIS and OIS for camera applications
• Vibration monitoring and compensation




Similar Part No. - LSM6DSTX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DST STMICROELECTRONICS-LSM6DST Datasheet
3Mb / 180P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
29-Sep-2020
LSM6DST/X STMICROELECTRONICS-LSM6DST/X Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
LSM6DSTTR STMICROELECTRONICS-LSM6DSTTR Datasheet
3Mb / 180P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
29-Sep-2020
More results


Similar Description - LSM6DSTX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DS3US STMICROELECTRONICS-LSM6DS3US Datasheet
1Mb / 104P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
April 2016 Rev 4
LSM6DSR STMICROELECTRONICS-LSM6DSR Datasheet
2Mb / 168P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
Rev 2
ISM330IS STMICROELECTRONICS-ISM330IS Datasheet
3Mb / 105P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
01-Jun-2022
LSM6DSO16IS STMICROELECTRONICS-LSM6DSO16IS Datasheet
3Mb / 107P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
01-Jun-2022
LSM6DSOX STMICROELECTRONICS-LSM6DSOX Datasheet
3Mb / 199P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
LSM6DSRX STMICROELECTRONICS-LSM6DSRX Datasheet
2Mb / 171P
iNEMO inertial module with embedded Machine Learning Core: always-on 3D accelerometer and 3D gyroscope
18-Nov-2020
LSM6DSV STMICROELECTRONICS-LSM6DSV Datasheet
4Mb / 187P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope
15-Jul-2022
LSM6DSV16BX STMICROELECTRONICS-LSM6DSV16BX Datasheet
4Mb / 148P
iNEMO 3-axis accelerometer and 3-axis gyroscope: inertial module for UI and bone conduction with embedded machine learning core and Qvar specification
06-Jul-2022
LSM6DSV16X STMICROELECTRONICS-LSM6DSV16X Datasheet
5Mb / 196P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
15-Jul-2022
LSM6DSO STMICROELECTRONICS-LSM6DSO Datasheet
2Mb / 172P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com