Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV16BX Datasheet (PDF) - STMicroelectronics

LSM6DSV16BX Datasheet PDF - STMicroelectronics
Part # LSM6DSV16BX
Download  LSM6DSV16BX Download
File Size   4233.8 Kbytes
Page   148 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description iNEMO 3-axis accelerometer and 3-axis gyroscope: inertial module for UI and bone conduction with embedded machine learning core and Qvar specification

LSM6DSV16BX Datasheet (PDF)

Go To PDF Page Download Datasheet
LSM6DSV16BX Datasheet PDF - STMicroelectronics

Part # LSM6DSV16BX
Download  LSM6DSV16BX Click to download

File Size   4233.8 Kbytes
Page   148 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description iNEMO 3-axis accelerometer and 3-axis gyroscope: inertial module for UI and bone conduction with embedded machine learning core and Qvar specification

LSM6DSV16BX Datasheet (HTML) - STMicroelectronics


LSM6DSV16BX Product details

Features
• Triple core for UI, bone conduction, and Qvar sensing
• Power consumption: 0.95 mA in combo high-performance mode
• “Always-on" experience with low power consumption for both accelerometer and
gyroscope
• Smart FIFO up to 4.5 KB
• ±2/±4/±8/±16 g full scale
• ±125/±250/±500/±1000/±2000/±4000 dps full scale
• Analog supply voltage: 1.71 V to 3.6 V
• Independent IO supply (extended range: 1.08 V to 3.6 V)
• Compact footprint: 2.5 mm x 3 mm x 0.71 mm
• SPI / I²C & MIPI I3C® v1.1 serial interface with main processor data
synchronization
• TDM slave interface
• Advanced pedometer, step detector, and step counter
• Significant motion detection, tilt detection
• Standard interrupts: free-fall, wakeup, 6D orientation, click and double-click
• Programmable finite state machine for accelerometer, gyroscope, and Qvar
sensor data processing with high rate @ 960 Hz
• Machine learning core with exportable features and filters for AI applications
• Embedded Qvar: electric charge variation detection
• Embedded analog hub for ADC and processing analog input data
• Embedded sensor fusion low-power algorithm
• Embedded temperature sensor
• ECOPACK and RoHS compliant

Description
The LSM6DSV16BX is a system-in-package featuring a 3-axis digital accelerometer
and a 3-axis digital gyroscope with a triple core for processing acceleration, angular
rate, and Qvar sensing data on three separate channels with dedicated configuration,
processing, and filtering.
The LSM6DSV16BX integrates a UI sensor, audio accelerometer, and Qvar sensor in
a compact package (2.5 x 3.0 x 0.71 mm).
The UI in high-performance mode runs at 0.6 mA and enables always-on low-power
features for an optimal motion experience for wearable and TWS applications.

Applications
• Motion tracking and gesture detection
• Wearables
• TWS (true wireless stereo)
• IoT and connected devices
• Handheld devices
• Vibration detection for bone conduction




Similar Part No. - LSM6DSV16BX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DSV16X STMICROELECTRONICS-LSM6DSV16X Datasheet
5Mb / 196P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
15-Jul-2022
LSM6DSV16X STMICROELECTRONICS-LSM6DSV16X Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
LSM6DSV16XTR STMICROELECTRONICS-LSM6DSV16XTR Datasheet
5Mb / 196P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
15-Jul-2022
More results


Similar Description - LSM6DSV16BX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM330DLC STMICROELECTRONICS-LSM330DLC Datasheet
1Mb / 66P
iNEMO inertial module: 3D accelerometer and 3D gyroscope
17-Sep-2012
logo
Analog Devices
ADXC1501 AD-ADXC1501 Datasheet
92Kb / 2P
Combined Gyroscope and 3-Axis Accelerometer
logo
STMicroelectronics
LSM6DSO32X STMICROELECTRONICS-LSM6DSO32X Datasheet
2Mb / 162P
iNEMO 6 DoF inertial module with 32 g accelerometer and embedded Machine Learning Core
Rev 1 - March 2021
ASM330LHH STMICROELECTRONICS-ASM330LHH Datasheet
1Mb / 84P
Automotive 6-axis inertial module: 3D accelerometer and 3D gyroscope
06-May-2020
ISM330IS STMICROELECTRONICS-ISM330IS Datasheet
3Mb / 105P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
01-Jun-2022
LSM6DSO16IS STMICROELECTRONICS-LSM6DSO16IS Datasheet
3Mb / 107P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
01-Jun-2022
LSM6DSRX STMICROELECTRONICS-LSM6DSRX Datasheet
2Mb / 171P
iNEMO inertial module with embedded Machine Learning Core: always-on 3D accelerometer and 3D gyroscope
18-Nov-2020
LSM6DSTX STMICROELECTRONICS-LSM6DSTX Datasheet
5Mb / 175P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core
21-Jul-2022
LSM6DSV STMICROELECTRONICS-LSM6DSV Datasheet
4Mb / 187P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope
15-Jul-2022
LSM6DSV16X STMICROELECTRONICS-LSM6DSV16X Datasheet
5Mb / 196P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
15-Jul-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com