Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV16X Datasheet (PDF) - STMicroelectronics

LSM6DSV16X Datasheet PDF - STMicroelectronics
Part # LSM6DSV16X
Download  LSM6DSV16X Download
File Size   5507.82 Kbytes
Page   196 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor

LSM6DSV16X Datasheet (PDF)

Go To PDF Page Download Datasheet
LSM6DSV16X Datasheet PDF - STMicroelectronics

Part # LSM6DSV16X
Download  LSM6DSV16X Click to download

File Size   5507.82 Kbytes
Page   196 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor

LSM6DSV16X Datasheet (HTML) - STMicroelectronics


LSM6DSV16X Product details

Features
• Triple core for UI, EIS, and OIS data processing
• Power consumption: 0.65 mA in combo high-performance mode
• “Always-on" experience with low power consumption for both accelerometer and
gyroscope
• Smart FIFO up to 4.5 KB
• Android compliant
• ±2/±4/±8/±16 g full scale
• ±125/±250/±500/±1000/±2000/±4000 dps full scale
• Analog supply voltage: 1.71 V to 3.6 V
• Independent IO supply (extended range: 1.08 V to 3.6 V)
• Compact footprint: 2.5 mm x 3 mm x 0.83 mm
• SPI / I²C & MIPI I3C® v1.1 serial interface with main processor data
synchronization
• Auxiliary SPI for OIS data output for gyroscope and accelerometer
• OIS configurable from aux SPI, primary interface (SPI / I²C & MIPI I3C® v1.1)
• EIS dedicated channel on primary interface with dedicated filtering
• Advanced pedometer, step detector, and step counter
• Significant motion detection, tilt detection
• Standard interrupts: free-fall, wake-up, 6D/4D orientation, click and double-click
• Programmable finite state machine for accelerometer, gyroscope and external
sensor data processing with high rate @ 960 Hz
• Machine learning core with exportable features and filters for AI applications
• Embedded Qvar (electrostatic sensor) for user interface functions (tap, doubletap,
triple-tap, long press, L/R – R/L swipe)
• Embedded analog hub for ADC and processing analog input data
• Embedded sensor fusion low-power algorithm
• Embedded temperature sensor
• ECOPACK and RoHS compliant

Description
The LSM6DSV16X is a system-in-package featuring a 3-axis digital accelerometer and a 3-axis digital gyroscope
with a triple core for processing acceleration and angular rate data on three separate channels with dedicated
configuration, processing, and filtering.
The LSM6DSV16X boosts performance at 0.65 mA in high-performance mode and enables always-on low-power
features for an optimal motion experience for the consumer.
The LSM6DSV16X embeds advanced dedicated features such as a finite state machine and MLC with an
exportable AI feature for IoT applications, as well as data filtering for OIS, EIS, and motion processing.
The LSM6DSV16X embeds Qvar (electric charge variation detection) for user interface functions: tap, double-tap,
triple-tap, long press, L/R – R/L swipe.
The LSM6DSV16X embeds an analog hub, which is able to connect an external analog input and convert it to a
digital signal for processing.

Applications
• Motion tracking and gesture detection, augmented reality (AR) / virtual reality
(VR) / mixed reality (MR) applications
• Wearables
• Indoor navigation
• IoT and connected devices
• Smartphones and handheld devices
• EIS and OIS for camera applications
• Vibration monitoring and compensation




Similar Part No. - LSM6DSV16X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DSV16X STMICROELECTRONICS-LSM6DSV16X Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results


Similar Description - LSM6DSV16X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DS3US STMICROELECTRONICS-LSM6DS3US Datasheet
1Mb / 104P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
April 2016 Rev 4
LSM6DSR STMICROELECTRONICS-LSM6DSR Datasheet
2Mb / 168P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
Rev 2
ISM330IS STMICROELECTRONICS-ISM330IS Datasheet
3Mb / 105P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
01-Jun-2022
LSM6DSO16IS STMICROELECTRONICS-LSM6DSO16IS Datasheet
3Mb / 107P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
01-Jun-2022
LSM6DSOX STMICROELECTRONICS-LSM6DSOX Datasheet
3Mb / 199P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
LSM6DSRX STMICROELECTRONICS-LSM6DSRX Datasheet
2Mb / 171P
iNEMO inertial module with embedded Machine Learning Core: always-on 3D accelerometer and 3D gyroscope
18-Nov-2020
LSM6DSTX STMICROELECTRONICS-LSM6DSTX Datasheet
5Mb / 175P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core
21-Jul-2022
LSM6DSV STMICROELECTRONICS-LSM6DSV Datasheet
4Mb / 187P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope
15-Jul-2022
LSM6DSV16BX STMICROELECTRONICS-LSM6DSV16BX Datasheet
4Mb / 148P
iNEMO 3-axis accelerometer and 3-axis gyroscope: inertial module for UI and bone conduction with embedded machine learning core and Qvar specification
06-Jul-2022
LSM6DSO STMICROELECTRONICS-LSM6DSO Datasheet
2Mb / 172P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com