Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV16X Datasheet(PDF) 7 Page - STMicroelectronics

Part # LSM6DSV16X
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV16X Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LSM6DSV16X Datasheet HTML 3Page - STMicroelectronics LSM6DSV16X Datasheet HTML 4Page - STMicroelectronics LSM6DSV16X Datasheet HTML 5Page - STMicroelectronics LSM6DSV16X Datasheet HTML 6Page - STMicroelectronics LSM6DSV16X Datasheet HTML 7Page - STMicroelectronics LSM6DSV16X Datasheet HTML 8Page - STMicroelectronics LSM6DSV16X Datasheet HTML 9Page - STMicroelectronics LSM6DSV16X Datasheet HTML 10Page - STMicroelectronics LSM6DSV16X Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 196 page
background image
2.6
Machine learning core
The LSM6DSV16X embeds a dedicated core for machine learning processing that provides system flexibility,
allowing some algorithms run in the application processor to be moved to the MEMS sensor with the advantage of
consistent reduction in power consumption.
Machine learning core logic allows identifying if a data pattern (for example motion, pressure, temperature,
magnetic data, and so forth) matches a user-defined set of classes. Typical examples of applications could be
activity detection like running, walking, driving, and so forth.
The LSM6DSV16X machine learning core works on data patterns coming from the accelerometer and gyro
sensors, but it is also possible to connect and process external sensor data (like magnetometer or pressure
sensor) by using the sensor hub feature (mode 2).
The input data can be filtered using a dedicated configurable computation block containing filters and features
computed in a fixed time window defined by the user. Computed feature values and filtered data values can also
be read through the FIFO buffer.
Machine learning processing is based on logical processing composed of a series of configurable nodes
characterized by "if-then-else" conditions where the "feature" values are evaluated against defined thresholds.
Figure 4. Machine learning core in the LSM6DSV16X
Machine
Learning Core
Logical processing
Sensor
Data
Computation
Block
Decision
Tree
Accelerometer
Results
Gyroscope
External
Sensor
Features
Filters
Meta-classifier
The LSM6DSV16X can be configured to run up to 4 decision trees simultaneously and independently and every
decision tree can generate up to 16 results. The total number of nodes can be up to 128.
The results of the machine learning processing are available in dedicated output registers readable from the
application processor at any time.
The LSM6DSV16X machine learning core can be configured to generate an interrupt when a change in the result
occurs.
2.7
Adaptive self-configuration (ASC)
The LSM6DSV16X supports the adaptive self-configuration (ASC) feature, which allows the FSM to automatically
reconfigure the device in real time based on the detection of a specific motion pattern or based on the output of a
specific decision tree configured in the MLC, without any intervention from the host processor. The FSM can write
a subset of the device registers using the SETR command, which allows indicating the register address and the
new value to be written in such a register. The access to these device registers is mutually exclusive to the host.
LSM6DSV16X
Machine learning core
DS13510 - Rev 1
page 7/196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com