Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV16X Datasheet(PDF) 38 Page - STMicroelectronics

Part # LSM6DSV16X
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV16X Datasheet(HTML) 38 Page - STMicroelectronics

Back Button LSM6DSV16X Datasheet HTML 34Page - STMicroelectronics LSM6DSV16X Datasheet HTML 35Page - STMicroelectronics LSM6DSV16X Datasheet HTML 36Page - STMicroelectronics LSM6DSV16X Datasheet HTML 37Page - STMicroelectronics LSM6DSV16X Datasheet HTML 38Page - STMicroelectronics LSM6DSV16X Datasheet HTML 39Page - STMicroelectronics LSM6DSV16X Datasheet HTML 40Page - STMicroelectronics LSM6DSV16X Datasheet HTML 41Page - STMicroelectronics LSM6DSV16X Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 196 page
background image
6.9
Enhanced EIS
The LSM6DSV16X offers advanced design flexibility for EIS applications: enhanced EIS functionality has a
dedicated channel and processing with independent filtering.
Enhanced EIS main features:
•
Enhanced EIS channel gyroscope data can be read over the primary interfaces through I²C / MIPI I3C® /
SPI;
•
EIS data are available in free-run mode in the output registers (UI_OUTX_L_G_OIS_EIS (2Eh) and
UI_OUTX_H_G_OIS_EIS (2Fh) through UI_OUTZ_L_G_OIS_EIS (32h) and UI_OUTZ_H_G_OIS_EIS
(33h)) by setting the G_EIS_ON_G_OIS_OUT_REG bit to 1 in the CTRL_EIS (6Bh) register or in FIFO (by
setting the G_EIS_FIFO_EN bit to 1 in the FIFO_CTRL4 (0Ah) register) with dedicated TAG and timestamp
configurable using FIFO_CTRL4 (0Ah);
•
Enhanced EIS option is compatible with mode 3 selection. When EIS data-out are intended to be read from
the output registers (setting G_EIS_ON_G_OIS_OUT_REG bit), data from the gyroscope OIS chain can be
only read from the auxiliary SPI interface.
Figure 24. LSM6DSV16X supports UI, enhanced EIS and OIS processing simultaneously
UI
UI / EIS
Block
EIS
Camera
module
AP
Auxiliary
SPI
Primary
output
I2C/MIPI I3C /SPI
®
Figure 25. Gyroscope enhanced EIS and UI block diagram
ADC
LPF EIS
LPF UI
FS UI
FIFO
SPI / I2C/
MIPI I3C
UI Channel
EIS Channel
FS EIS
®
When enhanced EIS mode is activated through the ODR_EIS_[1:0] bits in the CTRL_EIS (6Bh) register:
•
Gyroscope UI can be configured only in power-down mode or high-performance mode;
•
Gyroscope EIS full scale can be selected by using the FS_G_EIS_[2:0] bits in the CTRL_EIS (6Bh) register;
•
Gyroscope EIS data rate selectable at 1.92 kHz or 960 Hz configurable through the ODR_G_EIS_[1:0] bits
in the CTRL_EIS (6Bh) register;
•
LPF_EIS low-pass filter (refer to Figure 25) bandwidth selection can be configured through the
LPF_G_EIS_BW bit in the CTRL_EIS (6Bh) register.
LSM6DSV16X
Enhanced EIS
DS13510 - Rev 1
page 38/196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com