Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV16X Datasheet(PDF) 1 Page - STMicroelectronics

Part # LSM6DSV16X
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV16X Datasheet(HTML) 1 Page - STMicroelectronics

  LSM6DSV16X Datasheet HTML 1Page - STMicroelectronics LSM6DSV16X Datasheet HTML 2Page - STMicroelectronics LSM6DSV16X Datasheet HTML 3Page - STMicroelectronics LSM6DSV16X Datasheet HTML 4Page - STMicroelectronics LSM6DSV16X Datasheet HTML 5Page - STMicroelectronics LSM6DSV16X Datasheet HTML 6Page - STMicroelectronics LSM6DSV16X Datasheet HTML 7Page - STMicroelectronics LSM6DSV16X Datasheet HTML 8Page - STMicroelectronics LSM6DSV16X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 196 page
background image
Features
•
Triple core for UI, EIS, and OIS data processing
•
Power consumption: 0.65 mA in combo high-performance mode
•
“Always-on" experience with low power consumption for both accelerometer and
gyroscope
•
Smart FIFO up to 4.5 KB
•
Android compliant
•
±2/±4/±8/±16 g full scale
•
±125/±250/±500/±1000/±2000/±4000 dps full scale
•
Analog supply voltage: 1.71 V to 3.6 V
•
Independent IO supply (extended range: 1.08 V to 3.6 V)
•
Compact footprint: 2.5 mm x 3 mm x 0.83 mm
•
SPI / I²C & MIPI I3C® v1.1 serial interface with main processor data
synchronization
•
Auxiliary SPI for OIS data output for gyroscope and accelerometer
•
OIS configurable from aux SPI, primary interface (SPI / I²C & MIPI I3C® v1.1)
•
EIS dedicated channel on primary interface with dedicated filtering
•
Advanced pedometer, step detector, and step counter
•
Significant motion detection, tilt detection
•
Standard interrupts: free-fall, wake-up, 6D/4D orientation, click and double-click
•
Programmable finite state machine for accelerometer, gyroscope and external
sensor data processing with high rate @ 960 Hz
•
Machine learning core with exportable features and filters for AI applications
•
Embedded Qvar (electrostatic sensor) for user interface functions (tap, double-
tap, triple-tap, long press, L/R – R/L swipe)
•
Embedded analog hub for ADC and processing analog input data
•
Embedded sensor fusion low-power algorithm
•
Embedded temperature sensor
•
ECOPACK and RoHS compliant
Applications
•
Motion tracking and gesture detection, augmented reality (AR) / virtual reality
(VR) / mixed reality (MR) applications
•
Wearables
•
Indoor navigation
•
IoT and connected devices
•
Smartphones and handheld devices
•
EIS and OIS for camera applications
•
Vibration monitoring and compensation
LSM6DSV16X
LGA-14L
(2.5 x 3.0 x 0.83 mm) typ.
Product status link
LSM6DSV16X
Product summary
Order code
LSM6DSV16X
LSM6DSV16XTR
Temperature
range [°C]
-40 to +85
Package
LGA-14L
(2.5 x 3.0 x 0.83 mm)
Packing
Tray
Tape and reel
Product resources
TN0018 (Design and soldering)
Product label
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope
with embedded machine learning core and Qvar electrostatic sensor
LSM6DSV16X
Datasheet
DS13510 - Rev 1 - July 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - LSM6DSV16X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DSV16X STMICROELECTRONICS-LSM6DSV16X Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results

Similar Description - LSM6DSV16X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DS3US STMICROELECTRONICS-LSM6DS3US Datasheet
1Mb / 104P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
April 2016 Rev 4
LSM6DSR STMICROELECTRONICS-LSM6DSR Datasheet
2Mb / 168P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
Rev 2
ISM330IS STMICROELECTRONICS-ISM330IS Datasheet
3Mb / 105P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
01-Jun-2022
LSM6DSO16IS STMICROELECTRONICS-LSM6DSO16IS Datasheet
3Mb / 107P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
01-Jun-2022
LSM6DSOX STMICROELECTRONICS-LSM6DSOX Datasheet
3Mb / 199P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
LSM6DSRX STMICROELECTRONICS-LSM6DSRX Datasheet
2Mb / 171P
iNEMO inertial module with embedded Machine Learning Core: always-on 3D accelerometer and 3D gyroscope
18-Nov-2020
LSM6DSTX STMICROELECTRONICS-LSM6DSTX Datasheet
5Mb / 175P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core
21-Jul-2022
LSM6DSV STMICROELECTRONICS-LSM6DSV Datasheet
4Mb / 187P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope
15-Jul-2022
LSM6DSV16BX STMICROELECTRONICS-LSM6DSV16BX Datasheet
4Mb / 148P
iNEMO 3-axis accelerometer and 3-axis gyroscope: inertial module for UI and bone conduction with embedded machine learning core and Qvar specification
06-Jul-2022
LSM6DSO STMICROELECTRONICS-LSM6DSO Datasheet
2Mb / 172P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com