Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV16X Datasheet(PDF) 39 Page - STMicroelectronics

Part # LSM6DSV16X
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV16X Datasheet(HTML) 39 Page - STMicroelectronics

Back Button LSM6DSV16X Datasheet HTML 35Page - STMicroelectronics LSM6DSV16X Datasheet HTML 36Page - STMicroelectronics LSM6DSV16X Datasheet HTML 37Page - STMicroelectronics LSM6DSV16X Datasheet HTML 38Page - STMicroelectronics LSM6DSV16X Datasheet HTML 39Page - STMicroelectronics LSM6DSV16X Datasheet HTML 40Page - STMicroelectronics LSM6DSV16X Datasheet HTML 41Page - STMicroelectronics LSM6DSV16X Datasheet HTML 42Page - STMicroelectronics LSM6DSV16X Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 196 page
background image
6.10
OIS
This paragraph describes OIS functionality. There is a dedicated gyroscope and accelerometer DSP for OIS.
The device also supports self-test functionality on the OIS side.
6.10.1
Enabling OIS functionality and connection schemes
There are two different ways in order to enable and configure OIS functionality:
Auxiliary SPI full control: Enabling and configuration done from the auxiliary SPI
Primary interface full control: Enabling and configuration done from the primary interface
The configurations that allow selecting these two different options are done using the OIS_CTRL_FROM_UI bit in
the FUNC_CFG_ACCESS (01h) register as described in the following table.
Table 21. OIS configurations
OIS_CTRL_FROM_UI
OIS configuration option
0
Auxiliary SPI full control
1
Primary interface full control
LSM6DSV16X
OIS
DS13510 - Rev 1
page 39/196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com