Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV16X Datasheet(PDF) 33 Page - STMicroelectronics

Part # LSM6DSV16X
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV16X Datasheet(HTML) 33 Page - STMicroelectronics

Back Button LSM6DSV16X Datasheet HTML 29Page - STMicroelectronics LSM6DSV16X Datasheet HTML 30Page - STMicroelectronics LSM6DSV16X Datasheet HTML 31Page - STMicroelectronics LSM6DSV16X Datasheet HTML 32Page - STMicroelectronics LSM6DSV16X Datasheet HTML 33Page - STMicroelectronics LSM6DSV16X Datasheet HTML 34Page - STMicroelectronics LSM6DSV16X Datasheet HTML 35Page - STMicroelectronics LSM6DSV16X Datasheet HTML 36Page - STMicroelectronics LSM6DSV16X Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 196 page
background image
6.6
Analog hub functionality
The LSM6DSV16X embeds an analog hub sensing functionality which is able to connect an analog input and
convert it to a digital signal for embedded processing.
In the LSM6DSV16X, the analog hub has a dedicated channel that can be activated by setting the AH_QVAR_EN
bit to 1 in the CTRL7 (16h) register.
The accelerometer sensor must be set in high-performance mode or in normal mode when the analog hub
channel is enabled.
The analog hub data-ready signal is represented by the AH_QVARDA bit of the STATUS_REG (1Eh) register.
This signal can be driven to the INT2 pin by setting the INT2_DRDY_AH_QVAR bit to 1 in the CTRL7 (16h)
register.
Analog hub data are available as a 16-bit word in two’s complement in the AH_QVAR_OUT_L (3Ah) and
AH_QVAR_OUT_H (3Bh) registers at a fixed rate of 240 Hz (typical).
Analog signal data can be also processed by MLC/FSM logic.
The analog hub functionality is available in mode 1 connection mode for the I²C interface only. The external
analog lines have to be connected to pin 2 (SDx/AH1/Qvar1) and/or pin 3 (SCx/AH2/Qvar2), so the I²C-master
interface (mode 2) and the auxiliary SPI (mode 3) are not available when the analog hub is used.
The equivalent input impedance of the analog hub buffers can be selected by properly setting the
AH_QVAR_C_ZIN_[1:0] bits in the CTRL7 (16h) register.
6.7
Qvar functionality
The LSM6DSV16X embeds a Qvar sensor which is able to detect electric charge variations in the proximity of the
external electrodes connected to the device.
In the LSM6DSV16X, Qvar has a dedicated channel that can be activated by setting the AH_QVAR_EN bit to 1 in
the CTRL7 (16h) register.
The accelerometer sensor must be set in high-performance mode or in normal mode when the Qvar channel is
enabled.
The Qvar data-ready signal is represented by the AH_QVARDA bit of the STATUS_REG (1Eh) register. This
signal can be driven to the INT2 pin by setting the INT2_DRDY_AH_QVAR bit to 1 in the CTRL7 (16h) register.
Qvar data are available as a 16-bit word in two’s complement in the AH_QVAR_OUT_L (3Ah) and
AH_QVAR_OUT_H (3Bh) registers at a fixed rate of 240 Hz (typical).
Qvar data can also be processed by MLC/FSM logic.
The Qvar functionality is available in mode 1 connection mode for the I²C interface only. The external electrodes
have to be connected to pin 2 (SDx/AH1/Qvar1) and/or pin 3 (SCx/AH2/Qvar2), so the I²C-master interface (mode
2) and the auxiliary SPI (mode 3) are not available when Qvar is used.
The equivalent input impedance of the Qvar buffers can be selected by properly setting the
AH_QVAR_C_ZIN_[1:0] bits in the CTRL7 (16h) register.
6.8
Block diagram of filters
Figure 18. Block diagram of filters
ADC1
ADC2
Low-Pass
UI/EIS Gyro
Low-Pass
OIS Gyro
Low-Pass
OIS XL
Regs
array,
FIFO
interface
Interrupt
mng
Auxiliary
SPI
Voltage and current
references
Trimming circuit
and Test interface
Clock and phase
generator
Power
management
FTP
CS
SCL/SPC
SDA/SDI/SDO
SDO/SA0
CS
SPC_Aux
SDI_Aux
SDO_Aux
INT1
INT2
M
E
M
S
S
E
N
S
O
R
Low-Pass
UI XL
Gyro
UI/EIS/OIS
front-end
XL UI/OIS
front-end
Temperature
sensor
Regs
array
Interrupt
mng
I2C/
/SPI
MIPI I3C®
LSM6DSV16X
Analog hub functionality
DS13510 - Rev 1
page 33/196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com