Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV16X Datasheet(PDF) 82 Page - STMicroelectronics

Part # LSM6DSV16X
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV16X Datasheet(HTML) 82 Page - STMicroelectronics

Back Button LSM6DSV16X Datasheet HTML 78Page - STMicroelectronics LSM6DSV16X Datasheet HTML 79Page - STMicroelectronics LSM6DSV16X Datasheet HTML 80Page - STMicroelectronics LSM6DSV16X Datasheet HTML 81Page - STMicroelectronics LSM6DSV16X Datasheet HTML 82Page - STMicroelectronics LSM6DSV16X Datasheet HTML 83Page - STMicroelectronics LSM6DSV16X Datasheet HTML 84Page - STMicroelectronics LSM6DSV16X Datasheet HTML 85Page - STMicroelectronics LSM6DSV16X Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 196 page
background image
9.40
UI_OUTZ_L_A_OIS_DualC (38h) and UI_OUTZ_H_A_OIS_DualC (39h)
Linear acceleration sensor Z-axis output register (R). The value is expressed as a 16-bit word in two’s
complement.
Data are according to the accelerometer full-scale and ODR settings of the OIS accelerometer or according to the
accelerometer dual-channel mode configuration.
Table 117. UI_OUTZ_L_A_OIS_DualC register
D7
D6
D5
D4
D3
D2
D1
D0
Table 118. UI_OUTZ_H_A_OIS_DualC register
D15
D14
D13
D12
D11
D10
D9
D8
Table 119. UI_OUTZ_A_OIS_DualC register description
D[15:0]
Accelerometer Z-axis OIS/DualC output expressed in two's complement
9.41
AH_QVAR_OUT_L (3Ah) and AH_QVAR_OUT_H (3Bh)
Analog hub and Qvar data output register (R). L and H registers together express a 16-bit word in two’s
complement.
Table 120. AH_QVAR_OUT_L register
AH_Qvar_7
AH_Qvar_6
AH_Qvar_5
AH_Qvar_4
AH_Qvar_3
AH_Qvar_2
AH_Qvar_1
AH_Qvar_0
Table 121. AH_QVAR_OUT_H register
AH_Qvar_15
AH_Qvar_14
AH_Qvar_13
AH_Qvar_12
AH_Qvar_11
AH_Qvar_10
AH_Qvar_9
AH_Qvar_8
Table 122. AH_QVAR_OUT register description
AH_Qvar_[15:0]
When the analog hub or Qvar is enabled (by setting the AH_QVAR_EN bit to 1 in CTRL7 (16h)), these
registers contain the analog hub or the Qvar sensor ouput data.
Data are expressed in two's complement.
LSM6DSV16X
UI_OUTZ_L_A_OIS_DualC (38h) and UI_OUTZ_H_A_OIS_DualC (39h)
DS13510 - Rev 1
page 82/196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com