Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV16X Datasheet(PDF) 49 Page - STMicroelectronics

Part # LSM6DSV16X
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV16X Datasheet(HTML) 49 Page - STMicroelectronics

Back Button LSM6DSV16X Datasheet HTML 45Page - STMicroelectronics LSM6DSV16X Datasheet HTML 46Page - STMicroelectronics LSM6DSV16X Datasheet HTML 47Page - STMicroelectronics LSM6DSV16X Datasheet HTML 48Page - STMicroelectronics LSM6DSV16X Datasheet HTML 49Page - STMicroelectronics LSM6DSV16X Datasheet HTML 50Page - STMicroelectronics LSM6DSV16X Datasheet HTML 51Page - STMicroelectronics LSM6DSV16X Datasheet HTML 52Page - STMicroelectronics LSM6DSV16X Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 196 page
background image
pin#
Name
Mode 1 function
Mode 2 function
Mode 3 function
Pin status mode 1
Pin status mode 2
Pin status mode 3 (1)
13
SCL
I²C/MIPI I3C® serial clock
(SCL) / SPI serial port clock
(SPC)
I²C/MIPI I3C® serial clock
(SCL) / SPI serial port clock
(SPC)
I²C/MIPI I3C® serial clock
(SCL) / SPI serial port clock
(SPC)
Default: input without pull-up
Default: input without pull-up
Default: input without pull-up
14
SDA
I²C/MIPI I3C® serial
data (SDA) / SPI serial
data input (SDI) / 3-wire
interface serial data output
(SDO)
I²C/MIPI I3C® serial
data (SDA) / SPI serial
data input (SDI) / 3-wire
interface serial data output
(SDO)
I²C/MIPI I3C® serial
data (SDA) / SPI serial
data input (SDI) / 3-wire
interface serial data output
(SDO)
Default: input without pull-up. Pull-up
is enabled if bit SDA_PU_EN = 1 in
register IF_CFG (03h).
Default: input without pull-up. Pull-up
is enabled if bit SDA_PU_EN = 1 in
register IF_CFG (03h).
Default:input without pull-up. Pull-up
is enabled if bit SDA_PU_EN = 1 in
register IF_CFG (03h).
1. Mode 3 is enabled when the OIS_XL_EN bit or the OIS_G_EN bit in the UI_CTRL1_OIS (70h) / SPI2_CTRL1_OIS (70h) registers is set to 1.
2. The analog hub and Qvar functions are enabled by setting the AH_QVAR_EN bit to 1 in CTRL7 (16h).
Internal pull-up value is from 30 kΩ to 50 kΩ, depending on Vdd_IO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com