Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV16X Datasheet(PDF) 72 Page - STMicroelectronics

Part # LSM6DSV16X
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV16X Datasheet(HTML) 72 Page - STMicroelectronics

Back Button LSM6DSV16X Datasheet HTML 68Page - STMicroelectronics LSM6DSV16X Datasheet HTML 69Page - STMicroelectronics LSM6DSV16X Datasheet HTML 70Page - STMicroelectronics LSM6DSV16X Datasheet HTML 71Page - STMicroelectronics LSM6DSV16X Datasheet HTML 72Page - STMicroelectronics LSM6DSV16X Datasheet HTML 73Page - STMicroelectronics LSM6DSV16X Datasheet HTML 74Page - STMicroelectronics LSM6DSV16X Datasheet HTML 75Page - STMicroelectronics LSM6DSV16X Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 196 page
background image
9.22
CTRL10 (19h)
Control register 10 (R/W)
Table 69. CTRL10 register
0(1)
EMB_FUNC_
DEBUG
0(1)
0(1)
ST_G_1
ST_G_0
ST_XL_1
ST_XL_0
1. This bit must be set to 0 for the correct operation of the device.
Table 70. CTRL10 register description
EMB_FUNC_DEBUG
Enables debug mode for the embedded functions.
(0: disabled; 1: enabled)
ST_G_[1:0]
Gyroscope self-test selection
(00: normal mode (default);
01: positive sign self-test;
10: negative sign self-test;
11: reserved)
ST_XL_[1:0]
Accelerometer self-test selection
(00: normal mode (default);
01: positive sign self-test;
10: negative sign self-test;
11: reserved)
9.23
CTRL_STATUS (1Ah)
(R)
Table 71. CTRL_STATUS register
0
0
0
0
0
FSM_WR_
CTRL_STATUS
-
0
Table 72. CTRL_STATUS register description
FSM_WR_CTRL_STATUS
This flag indicates the current controller of the device configuration registers. This flag must
be used as an acknowledge flag when the value of the FSM_WR_CTRL_EN bit in the
FUNC_CFG_ACCESS (01h) register is changed. Default value: 0
(0: all registers and configurations are writable from the standard interface;
1: some registers and configurations are under FSM control and are in read-only mode from the
standard interface).
LSM6DSV16X
CTRL10 (19h)
DS13510 - Rev 1
page 72/196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com