Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV16X Datasheet(PDF) 3 Page - STMicroelectronics

Part # LSM6DSV16X
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV16X Datasheet(HTML) 3 Page - STMicroelectronics

  LSM6DSV16X Datasheet HTML 1Page - STMicroelectronics LSM6DSV16X Datasheet HTML 2Page - STMicroelectronics LSM6DSV16X Datasheet HTML 3Page - STMicroelectronics LSM6DSV16X Datasheet HTML 4Page - STMicroelectronics LSM6DSV16X Datasheet HTML 5Page - STMicroelectronics LSM6DSV16X Datasheet HTML 6Page - STMicroelectronics LSM6DSV16X Datasheet HTML 7Page - STMicroelectronics LSM6DSV16X Datasheet HTML 8Page - STMicroelectronics LSM6DSV16X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 196 page
background image
1
Overview
The LSM6DSV16X is a system-in-package featuring a high-performance 3-axis digital accelerometer and 3-axis
digital gyroscope.
The LSM6DSV16X delivers best-in-class motion sensing that can detect orientation and gestures in order to
empower application developers and consumers with features and capabilities that are more sophisticated than
simply orienting their devices to portrait and landscape mode.
The event-detection interrupts enable efficient and reliable motion tracking and contextual awareness,
implementing hardware recognition of free-fall events, 6D orientation, click and double-click sensing, activity or
inactivity, stationary/motion detection and wake-up events. Machine learning and finite state machine processing
allows moving some algorithms from the application processor to the LSM6DSV16X sensor, enabling consistent
reduction of power consumption.
The LSM6DSV16X supports main OS requirements, offering real, virtual, and batch mode sensors. In addition,
the LSM6DSV16X can efficiently run the sensor-related features specified in Android, saving power and enabling
faster reaction time. In particular, the LSM6DSV16X has been designed to implement hardware features such as
significant motion detection, stationary/motion detection, tilt, pedometer functions, timestamping and to support
the data acquisition of external sensors.
The LSM6DSV16X offers hardware flexibility to connect the pins with different mode connections to external
sensors to expand functionalities such as adding a sensor hub, auxiliary SPI, and so forth.
The LSM6DSV16X offers advanced design flexibility for OIS and EIS applications. Both channels have a
dedicated processing path with independent filtering and enhanced EIS channel gyroscope data are read over the
primary interfaces I²C/ MIPI I3C® v1.1 / SPI.
Core 1 has been designed for user interface data processing for motion tracking. Data are available on the
primary output of I²C / SPI / I3C® for the accelerometer and gyroscope with independent ODR and FS.
Core 2 has been designed for OIS applications. Data are available on the aux SPI at 7.68 kHz with
accelerometer/gyroscope processing with independent FS at ±2 g - ±16 g (accelerometer) / ±125 dps - ±2000
dps (gyroscope). The accelerometer is also available as standalone with dedicated filtering.
Core 3 has been design for enhanced EIS. Data are available in freerun mode in the output registers or in FIFO
with dedicated tag and timestamp.
Up to 4.5 KB of FIFO with compression and dynamic allocation of significant data (that is, external sensors,
timestamp, and so forth) allows overall power saving of the system.
The LSM6DSV16X embeds a sensor fusion low-power algorithm able to provide a 6-axis (accelerometer +
gyroscope) game rotation vector represented as a quaternion. The X, Y, Z quaternion components are stored in
FIFO.
Like the entire portfolio of MEMS sensor modules, the LSM6DSV16X leverages the robust and mature in-house
manufacturing processes already used for the production of micromachined accelerometers and gyroscopes. The
various sensing elements are manufactured using specialized micromachining processes, while the IC interfaces
are developed using CMOS technology that allows the design of a dedicated circuit, which is trimmed to better
match the characteristics of the sensing element.
The LSM6DSV16X embeds an analog hub, which is able to connect an external analog input and convert it to a
digital signal for processing as well as advanced dedicated features like a finite state machine and data filtering
for OIS, EIS, and motion processing.
The LSM6DSV16X embeds Qvar functionality, which is an electrostatic sensor able to measure the variation of
the quasi-electrostatic potential. The Qvar sensing channel can be used for user interface applications like tap,
double-tap, triple-tap, long press, and L/R – R/L swipe.
The LSM6DSV16X is available in a small plastic land grid array (LGA) package of 2.5 x 3.0 x 0.83 mm to address
ultra-compact solutions.
LSM6DSV16X
Overview
DS13510 - Rev 1
page 3/196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com