Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSTX Datasheet(PDF) 61 Page - STMicroelectronics

Part # LSM6DSTX
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSTX Datasheet(HTML) 61 Page - STMicroelectronics

Back Button LSM6DSTX Datasheet HTML 57Page - STMicroelectronics LSM6DSTX Datasheet HTML 58Page - STMicroelectronics LSM6DSTX Datasheet HTML 59Page - STMicroelectronics LSM6DSTX Datasheet HTML 60Page - STMicroelectronics LSM6DSTX Datasheet HTML 61Page - STMicroelectronics LSM6DSTX Datasheet HTML 62Page - STMicroelectronics LSM6DSTX Datasheet HTML 63Page - STMicroelectronics LSM6DSTX Datasheet HTML 64Page - STMicroelectronics LSM6DSTX Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 175 page
background image
9.17
CTRL6_C (15h)
Control register 6 (R/W)
Table 58. CTRL6_C register
TRIG_EN
LVL1_EN
LVL2_EN
XL_HM
_MODE
USR_
OFF_W
FTYPE_2
FTYPE_1
FTYPE_0
Table 59. CTRL6_C register description
TRIG_EN
DEN data edge-sensitive trigger enable. Refer to Table 60.
LVL1_EN
DEN data level-sensitive trigger enable. Refer to Table 60.
LVL2_EN
DEN level-sensitive latched enable. Refer to Table 60.
XL_HM_MODE
High-performance operating mode disable for accelerometer. Default value: 0
(0: high-performance operating mode enabled;
1: high-performance operating mode disabled)
USR_OFF_W
Weight of XL user offset bits of registers X_OFS_USR (73h), Section 9.66 Y_OFS_USR (74h), Z_OFS_USR
(75h)
(0 = 2-10g/LSB;
1 = 2-6g/LSB)
FTYPE[2:0]
Gyroscope low-pass filter (LPF1) bandwidth selection
Table 61 shows the selectable bandwidth values (available if auxiliary SPI is disabled).
Table 60. Trigger mode selection
TRIG_EN, LVL1_EN, LVL2_EN
Trigger mode
100
Edge-sensitive trigger mode is selected
010
Level-sensitive trigger mode is selected
011
Level-sensitive latched mode is selected
110
Level-sensitive FIFO enable mode is selected
Table 61. Gyroscope LPF1 bandwidth selection
FTYPE [2:0]
12.5 Hz
26 Hz
52 Hz
104 Hz
208 Hz
416 Hz
833 Hz
1.67 kHz
3.33 kHz
6.67 kHz
000
4.2
8.3
16.6
33.0
67.0
136.6
239.2
304.2
328.5
335.5
001
4.2
8.3
16.6
33.0
67.0
130.5
192.4
220.7
229.6
232.0
010
4.2
8.3
16.6
33.0
67.0
120.3
154.2
166.6
170.1
171.1
011
4.2
8.3
16.6
33.0
67.0
137.1
281.8
453.2
559.2
609.0
100
4.2
8.3
16.7
33.0
62.4
86.7
96.6
99.6
100.4
NA
101
4.2
8.3
16.8
31.0
43.2
48.0
50
50
50
NA
110
4.1
7.8
13.4
19.0
23.1
24.6
25
25
25
NA
111
3.9
6.7
9.7
11.5
12.2
12.4
12.5
12.5
12.5
NA
LSM6DSTX
CTRL6_C (15h)
DS14039 - Rev 1
page 61/175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com