Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STIPQ5M60T-HL Datasheet(PDF) 21 Page - STMicroelectronics

Part # STIPQ5M60T-HL
Description  SLLIMM™-nano 2nd series IPM, 3-phase inverter, 5 A, 1.0 max., 600 V, N‑channel MDmesh™ DM2 Power MOSFET
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIPQ5M60T-HL Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STIPQ5M60T-HL Datasheet HTML 16Page - STMicroelectronics STIPQ5M60T-HL Datasheet HTML 17Page - STMicroelectronics STIPQ5M60T-HL Datasheet HTML 18Page - STMicroelectronics STIPQ5M60T-HL Datasheet HTML 19Page - STMicroelectronics STIPQ5M60T-HL Datasheet HTML 20Page - STMicroelectronics STIPQ5M60T-HL Datasheet HTML 21Page - STMicroelectronics STIPQ5M60T-HL Datasheet HTML 22Page - STMicroelectronics STIPQ5M60T-HL Datasheet HTML 23Page - STMicroelectronics STIPQ5M60T-HL Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Table 16. N2DIP-26L type Z mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.80
5.10
5.40
A1
0.80
1.00
1.20
A2
4.00
4.10
4.20
A3
1.70
1.80
1.90
A4
1.70
1.80
1.90
A5
8.10
8.40
8.70
A6
1.75
b
0.53
0.72
b2
0.83
1.02
c
0.46
0.59
D
32.05
32.15
32.25
D1
2.10
D2
1.85
D3
30.65
30.75
30.85
E
12.35
12.45
12.55
e
1.70
1.80
1.90
e1
2.40
2.50
2.60
eB1
16.10
16.40
16.70
eB2
21.18
21.48
21.78
L
0.85
1.05
1.25
Dia
3.10
3.20
3.30
STIPQ5M60T-HL, STIPQ5M60T-HZ
N2DIP-26L type Z package information
DS11999 - Rev 4
page 21/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com