Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STIPQ5M60T-HL Datasheet (PDF) - STMicroelectronics

STIPQ5M60T-HL Datasheet PDF - STMicroelectronics
Part # STIPQ5M60T-HL
Download  STIPQ5M60T-HL Download
File Size   1621.86 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SLLIMM™-nano 2nd series IPM, 3-phase inverter, 5 A, 1.0 max., 600 V, N‑channel MDmesh™ DM2 Power MOSFET

STIPQ5M60T-HL Datasheet (PDF)

Go To PDF Page Download Datasheet
STIPQ5M60T-HL Datasheet PDF - STMicroelectronics

Part # STIPQ5M60T-HL
Download  STIPQ5M60T-HL Click to download

File Size   1621.86 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SLLIMM™-nano 2nd series IPM, 3-phase inverter, 5 A, 1.0 max., 600 V, N‑channel MDmesh™ DM2 Power MOSFET

STIPQ5M60T-HL Datasheet (HTML) - STMicroelectronics


STIPQ5M60T-HL Product details

Features
• IPM 5 A, 600 V, RDS(on) = 1.0 Ω, 3-phase Power MOSFET inverter bridge
including control ICs for gate driving
• Optimized for low electromagnetic interference
• 3.3 V, 5 V, 15 V CMOS/TTL input comparators with hysteresis and pull-down/
pull-up resistors
• Undervoltage lockout
• Internal bootstrap diode
• Interlocking function
• Shutdown function
• Comparator for fault protection against overtemperature and overcurrent
• Op-amp for advanced current sensing
• Optimized pinout for easy board layout
• NTC for temperature control (UL 1434 CA 2 and 4)
• Isolation ratings of 1500 Vrms/min.
• UL recognition: UL 1557, file E81734

Description
This SLLIMM (small low-loss intelligent molded module)-nano provides a compact,
high-performance AC motor drive in a simple, rugged design. It is composed of six Nchannel
MDmesh™ DM2 Power MOSFETs with intrinsic fast-recovery diode and
three half-bridge HVICs for gate driving, providing low electromagnetic interference
(EMI) characteristics with optimized switching speed. The package is designed to
allow a better and easy screw on heatsink. It is optimized for thermal performance
and compactness in built-in motor applications, or other low-power applications
where assembly space is limited. This IPM includes an operational amplifier,
completely uncommitted, and a comparator that can be used to design a fast and
efficient protection circuit. SLLIMM™ is a trademark of STMicroelectronics.

Applications
• 3-phase inverters for motor drives
• Dish washers, refrigerator compressors, heating systems, air-conditioning fans,
draining and recirculation pumps




Similar Part No. - STIPQ5M60T-HL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STIPQ3M60T-HZS STMICROELECTRONICS-STIPQ3M60T-HZS Datasheet
1,017Kb / 23P
SLLIMM-nano 2nd series IPM, 3-phase inverter, 3 A, 1.6 max., 600 V, N‑channel MDmesh DM2 Power MOSFET
03-May-2021
More results


Similar Description - STIPQ5M60T-HL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPQ8C60T-HZ STMICROELECTRONICS-STGIPQ8C60T-HZ Datasheet
697Kb / 25P
SLLIMM™nano - 2nd series IPM, 3-phase inverter, 8 A, 600 V short-circuit rugged IGBTs
16-Dec-2016
STGIPQ4C60T-HZ STMICROELECTRONICS-STGIPQ4C60T-HZ Datasheet
1Mb / 24P
SLLIMM nano - 2nd series IPM, 3-phase inverter, 6 A, 600 V short?멵ircuit rugged IGBT
Rev 2 - January 2021
STGIPNS3H60T-H STMICROELECTRONICS-STGIPNS3H60T-H Datasheet
1Mb / 23P
SLLIMM-nano IPM, 3 A, 600 V, 3-phase inverter IGBT
15-Oct-2019
STGIPQ4C60T-HL STMICROELECTRONICS-STGIPQ4C60T-HL Datasheet
1Mb / 23P
SLLIMM nano - 2nd series IPM, 3-phase inverter, 6 A, 600 V short‑circuit rugged IGBT
06-Oct-2022
STIB1060DM2T-L STMICROELECTRONICS-STIB1060DM2T-L Datasheet
769Kb / 23P
SLLIMM™ - 2nd series IPM, 3-phase inverter, 0.18 Ω typ., 10 A, 600 V Power MOSFET
15-Jul-2019
STGIPQ3H60T-HLS STMICROELECTRONICS-STGIPQ3H60T-HLS Datasheet
1Mb / 26P
SLLIMM-nano, 2nd series IPM, 3 A, 600 V, 3-phase inverter bridge IGBT
05-Sep-2022
STIPQ3M60T-HZS STMICROELECTRONICS-STIPQ3M60T-HZS Datasheet
1,017Kb / 23P
SLLIMM-nano 2nd series IPM, 3-phase inverter, 3 A, 1.6 max., 600 V, N‑channel MDmesh DM2 Power MOSFET
03-May-2021
STGIPN3HD60-H STMICROELECTRONICS-STGIPN3HD60-H Datasheet
1Mb / 21P
SLLIMM-nano IPM, 3 A, 600 V 3-phase inverter bridge IGBT
07-Jan-2020
STGIB30CH60TS-E STMICROELECTRONICS-STGIB30CH60TS-E Datasheet
572Kb / 22P
SLLIMM™ - 2nd series IPM, 3-phase inverter, 30 A, 600 V short-circuit rugged IGBTs
27-Aug-2014
STGIB30CH60TS-L STMICROELECTRONICS-STGIB30CH60TS-L Datasheet
587Kb / 22P
SLLIMM™ - 2nd series IPM, 3-phase inverter, 30 A, 600 V short-circuit rugged IGBTs
27-Aug-2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com