Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STIPQ3M60T-HZS Datasheet (PDF) - STMicroelectronics

STIPQ3M60T-HZS Datasheet PDF - STMicroelectronics
Part # STIPQ3M60T-HZS
Download  STIPQ3M60T-HZS Download
File Size   1017.87 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SLLIMM-nano 2nd series IPM, 3-phase inverter, 3 A, 1.6 max., 600 V, N‑channel MDmesh DM2 Power MOSFET

STIPQ3M60T-HZS Datasheet (PDF)

Go To PDF Page Download Datasheet
STIPQ3M60T-HZS Datasheet PDF - STMicroelectronics

Part # STIPQ3M60T-HZS
Download  STIPQ3M60T-HZS Click to download

File Size   1017.87 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SLLIMM-nano 2nd series IPM, 3-phase inverter, 3 A, 1.6 max., 600 V, N‑channel MDmesh DM2 Power MOSFET

STIPQ3M60T-HZS Datasheet (HTML) - STMicroelectronics


STIPQ3M60T-HZS Product details

Features
• IPM 3 A, 600 V, RDS(on) = 1.6 Ω, 3-phase Power MOSFET inverter bridge
including control ICs for gate driving
• Optimized for low electromagnetic interference
• 3.3 V, 5 V, 15 V CMOS/TTL input comparators with hysteresis and pull-down/
pull-up resistors
• Undervoltage lockout
• Internal bootstrap diode
• Interlocking function
• Shutdown function
• Comparator for fault protection against overtemperature and overcurrent
• Op-amp for advanced current sensing
• Optimized pinout for easy board layout
• NTC for temperature control (UL 1434 CA 2 and 4)
• Isolation ratings of 1500 Vrms/min.
• UL recognition: UL 1557 file, E81734

Description
This SLLIMM (small low-loss intelligent molded module)-nano provides a compact,
high-performance AC motor drive in a simple, rugged design. It is composed of six Nchannel
MDmesh DM2 Power MOSFETs with intrinsic fast-recovery diode and three
half-bridge HVICs for gate driving, providing low electromagnetic interference (EMI)
characteristics with optimized switching speed. The package is designed to allow
a better and easy screw on heatsink. It is optimized for thermal performance and
compactness in built-in motor applications, or other low-power applications where
assembly space is limited. This IPM includes an operational amplifier, completely
uncommitted, and a comparator that can be used to design a fast and efficient
protection circuit.

Applications
• 3-phase inverters for motor drives
• Dish washers
• Washing machines
• Refrigerator compressors
• Fans




Similar Part No. - STIPQ3M60T-HZS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STIPQ5M60T-HL STMICROELECTRONICS-STIPQ5M60T-HL Datasheet
1Mb / 24P
SLLIMM™-nano 2nd series IPM, 3-phase inverter, 5 A, 1.0 max., 600 V, N‑channel MDmesh™ DM2 Power MOSFET
March 2019 Rev 4
More results


Similar Description - STIPQ3M60T-HZS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPQ8C60T-HZ STMICROELECTRONICS-STGIPQ8C60T-HZ Datasheet
697Kb / 25P
SLLIMM™nano - 2nd series IPM, 3-phase inverter, 8 A, 600 V short-circuit rugged IGBTs
16-Dec-2016
STGIPQ4C60T-HZ STMICROELECTRONICS-STGIPQ4C60T-HZ Datasheet
1Mb / 24P
SLLIMM nano - 2nd series IPM, 3-phase inverter, 6 A, 600 V short?멵ircuit rugged IGBT
Rev 2 - January 2021
STGIPNS3H60T-H STMICROELECTRONICS-STGIPNS3H60T-H Datasheet
1Mb / 23P
SLLIMM-nano IPM, 3 A, 600 V, 3-phase inverter IGBT
15-Oct-2019
STGIPQ4C60T-HL STMICROELECTRONICS-STGIPQ4C60T-HL Datasheet
1Mb / 23P
SLLIMM nano - 2nd series IPM, 3-phase inverter, 6 A, 600 V short‑circuit rugged IGBT
06-Oct-2022
STIB1060DM2T-LZ STMICROELECTRONICS-STIB1060DM2T-LZ Datasheet
785Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 180 mΩ typ., 10 A, 600 V Power MOSFET
02-Mar-2022
STIB1560DM2T-L STMICROELECTRONICS-STIB1560DM2T-L Datasheet
932Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 0.15 Ω typ., 15 A, 600 V Power MOSFET
10-Jul-2019
STIB1560DM2T-LZ STMICROELECTRONICS-STIB1560DM2T-LZ Datasheet
801Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 0.15 Ω typ., 15 A, 600 V Power MOSFET
03-Nov-2020
STGIPQ3H60T-HLS STMICROELECTRONICS-STGIPQ3H60T-HLS Datasheet
1Mb / 26P
SLLIMM-nano, 2nd series IPM, 3 A, 600 V, 3-phase inverter bridge IGBT
05-Sep-2022
STIPQ5M60T-HL STMICROELECTRONICS-STIPQ5M60T-HL Datasheet
1Mb / 24P
SLLIMM™-nano 2nd series IPM, 3-phase inverter, 5 A, 1.0 max., 600 V, N‑channel MDmesh™ DM2 Power MOSFET
March 2019 Rev 4
STGIPN3HD60-H STMICROELECTRONICS-STGIPN3HD60-H Datasheet
1Mb / 21P
SLLIMM-nano IPM, 3 A, 600 V 3-phase inverter bridge IGBT
07-Jan-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com