Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMS3604S Datasheet(PDF) 12 Page - ON Semiconductor

Part # FDMS3604S
Description  MOSFET – N-Channel, POWERTRENCH, Power Stage, Asymetric Dual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMS3604S Datasheet(HTML) 12 Page - ON Semiconductor

Back Button FDMS3604S Datasheet HTML 8Page - ON Semiconductor FDMS3604S Datasheet HTML 9Page - ON Semiconductor FDMS3604S Datasheet HTML 10Page - ON Semiconductor FDMS3604S Datasheet HTML 11Page - ON Semiconductor FDMS3604S Datasheet HTML 12Page - ON Semiconductor FDMS3604S Datasheet HTML 13Page - ON Semiconductor FDMS3604S Datasheet HTML 14Page - ON Semiconductor FDMS3604S Datasheet HTML 15Page - ON Semiconductor FDMS3604S Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
FDMS3604S
www.onsemi.com
12
Recommended PCB Layout Guidelines
As a PCB designer, it is necessary to address critical issues
in layout to minimize losses and optimize the performance
of the power train. Power Stage is a high power density
solution and all high current flow paths, such as VIN (D1),
PHASE (S1/D2) and GND (S2), should be short and wide
for better and stable current flow, heat radiation and system
performance. A recommended layout procedure is
discussed below to maximize the electrical and thermal
performance of the part.
Figure 31. Recommended PCB Layout
Following is a guideline, not a requirement which the PCB designer should consider:
1. Input ceramic bypass capacitors C1 and C2 must
be placed close to the D1 and S2 pins of Power
Stage to help reduce parasitic inductance and High
Frequency conduction loss induced by switching
operation. C1 and C2 show the bypass capacitors
placed close to the part between D1 and S2. Input
capacitors should be connected in parallel close to
the part. Multiple input caps can be connected
depending upon the application
2. The PHASE copper trace serves two purposes; In
addition to being the current path from the Power
Stage package to the output inductor (L), it also
serves as heat sink for the lower FET in the Power
Stage package. The trace should be short and wide
enough to present a low resistance path for the
high current flow between the Power Stage and the
inductor. This is done to minimize conduction
losses and limit temperature rise. Please note that
the PHASE node is a high voltage and high
frequency switching node with high noise
potential. Care should be taken to minimize
coupling to adjacent traces. The reference layout
in Figure 31 shows a good balance between the
thermal and electrical performance of Power Stage
3. Output inductor location should be as close as
possible to the Power Stage device for lower
power loss due to copper trace resistance. A
shorter and wider PHASE trace to the inductor
reduces the conduction loss. Preferably the Power
Stage should be directly in line (as shown in
Figure 32) with the inductor for space savings and
compactness
4. The POWERTRENCH Technology MOSFETs
used in the Power Stage are effective at
minimizing phase node ringing. It allows the part
to operate well within the breakdown voltage
limits. This eliminates the need to have an external
snubber circuit in most cases. If the designer
chooses to use an RC snubber, it should be placed
close to the part between the PHASE pad and S2
pins to dampen the high−frequency ringing
5. The driver IC should be placed close to the Power
Stage part with the shortest possible paths for the
High Side gate and Low Side gates through a wide
trace connection. This eliminates the effect of
parasitic inductance and resistance between the
driver and the MOSFET and turns the devices on
and off as efficiently as possible. At



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com