Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMS3604S Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDMS3604S
Description  MOSFET – N-Channel, POWERTRENCH, Power Stage, Asymetric Dual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMS3604S Datasheet(HTML) 2 Page - ON Semiconductor

  FDMS3604S Datasheet HTML 1Page - ON Semiconductor FDMS3604S Datasheet HTML 2Page - ON Semiconductor FDMS3604S Datasheet HTML 3Page - ON Semiconductor FDMS3604S Datasheet HTML 4Page - ON Semiconductor FDMS3604S Datasheet HTML 5Page - ON Semiconductor FDMS3604S Datasheet HTML 6Page - ON Semiconductor FDMS3604S Datasheet HTML 7Page - ON Semiconductor FDMS3604S Datasheet HTML 8Page - ON Semiconductor FDMS3604S Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
FDMS3604S
www.onsemi.com
2
MOSFET MAXIMUM RATINGS TA = 25°C Unless Otherwise Noted
Symbol
Parameter
Q1
Q2
Units
VDS
Drain to Source Voltage
30
30
V
VDSt
Drain to Source Transient Voltage ( tTransient < 100 ns)
33
33
V
VGS
Gate to Source Voltage (Note 3)
±20
±20
V
ID
Drain Current
−Continuous (Package limited)
TC = 25 °C
30
40
A
−Continuous (Silicon limited)
TC = 25 °C
60
130
−Continuous
TA = 25 °C
13 (Note 1a)
23 (Note 1b)
−Pulsed
40
100
EAS
Single Pulse Avalanche Energy
40 (Note 4)
60 (Note 5)
mJ
PD
Power Dissipation for Single Operation TA = 25 °C
2.2 (Note 1a)
2.5 (Note 1b)
W
Power Dissipation for Single Operation TA = 25 °C
1.0 (Note 1c)
1.0 (Note 1d)
TJ, TSTG
Operating and Storage Junction Temperature Range
−55 to +150
°C
THERMAL CHARACTERISTICS
Symbol
Parameter
Q1
Q2
Unit
RθJA
Thermal Resistance, Junction to Ambient
57 (Note 1a)
50 (Note 1b)
°C/W
RθJA
Thermal Resistance, Junction to Ambient
125 (Note 1c)
120 (Note 1d)
RθJC
Thermal Resistance, Junction to Case
3.5
2
PACKAGE MARKING AND ORDERING INFORMATION
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
22CA N7CC
FDMS3604S
Power 56
13”
12 mm
3000 Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com