Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDS3985 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LDS3985
Description  ULTRA LOW DROP-LOW NOISE BICMOS 300mA V.REG. FOR USE WITH VERY LOW ESR OUTPUT CAPACITOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDS3985 Datasheet(HTML) 3 Page - STMicroelectronics

  LDS3985 Datasheet HTML 1Page - STMicroelectronics LDS3985 Datasheet HTML 2Page - STMicroelectronics LDS3985 Datasheet HTML 3Page - STMicroelectronics LDS3985 Datasheet HTML 4Page - STMicroelectronics LDS3985 Datasheet HTML 5Page - STMicroelectronics LDS3985 Datasheet HTML 6Page - STMicroelectronics LDS3985 Datasheet HTML 7Page - STMicroelectronics LDS3985 Datasheet HTML 8Page - STMicroelectronics LDS3985 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LDS3985 SERIES
3/13
Figure 2: Connection Diagram (top view for SOT, top through view for DFN6)
Table 4: Pin Description
Figure 3: Typical Application Circuit
Pin N°
SOT23-5L
Pin N°
DFN6
Symbol
Name and Function
11
VI
Input Voltage of the LDO
2
5
GND
Common Ground
36
VINH
Inhibit Input Voltage: ON MODE when VINH ≥ 1.2V, OFF MODE when VINH ≤
0.4V (Do not leave floating, not internally pulled down/up)
4
4
BYPASS
Bypass Pin: Connect an external capacitor (usually 10nF) to minimize noise
voltage
53
VO
Output Voltage of the LDO
-
2
N.C.
Not Connect.
SOT23-5L
DFN6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com