Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDS3985 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LDS3985
Description  ULTRA LOW DROP-LOW NOISE BICMOS 300mA V.REG. FOR USE WITH VERY LOW ESR OUTPUT CAPACITOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDS3985 Datasheet(HTML) 1 Page - STMicroelectronics

  LDS3985 Datasheet HTML 1Page - STMicroelectronics LDS3985 Datasheet HTML 2Page - STMicroelectronics LDS3985 Datasheet HTML 3Page - STMicroelectronics LDS3985 Datasheet HTML 4Page - STMicroelectronics LDS3985 Datasheet HTML 5Page - STMicroelectronics LDS3985 Datasheet HTML 6Page - STMicroelectronics LDS3985 Datasheet HTML 7Page - STMicroelectronics LDS3985 Datasheet HTML 8Page - STMicroelectronics LDS3985 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
December 2004
s
INPUT VOLTAGE FROM 2.5V TO 6V
s
STABLE WITH LOW ESR CERAMIC
CAPACITORS
s
ULTRA LOW DROPOUT VOLTAGE (150mV
TYP. AT 300mA LOAD, 0.4mV TYP. AT 1mA
LOAD)
s
VERY LOW QUIESCENT CURRENT (85µA
TYP. AT NO LOAD, 200µA TYP. AT 300mA
LOAD; MAX 1.5µA IN OFF MODE)
s
GUARANTEED OUTPUT CURRENT UP TO
300mA
s
WIDE RANGE OF OUTPUT VOLTAGE:
1.25V; 1.35; 1.5V; 1.8V; 2V; 2.1V; 2.2V; 2.5V;
2.6V; 2.7V; 2.8V; 2.85V; 2.9V; 3V; 3.1V; 3.2V;
3.3V; 4.7V
s
FAST TURN-ON TIME: TYP. 240µs
[CO=2.2µF, CBYP= 33nF AND IO=1mA]
s
LOGIC-CONTROLLED ELECTRONIC
SHUTDOWN
s
INTERNAL CURRENT AND THERMAL LIMIT
s
OUTPUT LOW NOISE VOLTAGE 30µVRMS
OVER 10Hz to 100KHz
s
S.V.R. OF 55dB AT 1KHz, 50dB AT 10KHz
s
TEMPERATURE RANGE: -40°C TO 125°C
DESCRIPTION
The LDS3985 provides up to 300mA, from 2.5V to
6V input voltage.
It is stable with ceramic and high quality tantalum
capacitor.
The
ultra
low
drop-voltage,
low
quiescent current and low noise makes it suitable
for low power applications and in battery powered
systems. Regulator ground current increases only
slightly in dropout, further prolonging the battery
life. Shutdown Logic Control function is available,
this means that when the device is used as local
regulator, it is possible to put a part of the board in
standby, decreasing the total power consumption.
Typical applications are in mobile phone and
similar
battery
powered
wireless
systems,
portable information appliances.
LDS3985
SERIES
ULTRA LOW DROP-LOW NOISE BICMOS 300mA V.REG.
FOR USE WITH VERY LOW ESR OUTPUT CAPACITOR
Figure 1: Schematic Diagram
DFN6
SOT23-5L
Rev. 1


Similar Part No. - LDS3985

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDS3985M125R STMICROELECTRONICS-LDS3985M125R Datasheet
462Kb / 20P
Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
29-Jul-2010
LDS3985M135R STMICROELECTRONICS-LDS3985M135R Datasheet
462Kb / 20P
Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
29-Jul-2010
LDS3985M15R STMICROELECTRONICS-LDS3985M15R Datasheet
462Kb / 20P
Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
29-Jul-2010
LDS3985M18R STMICROELECTRONICS-LDS3985M18R Datasheet
462Kb / 20P
Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
29-Jul-2010
LDS3985M20R STMICROELECTRONICS-LDS3985M20R Datasheet
462Kb / 20P
Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
29-Jul-2010
More results

Similar Description - LDS3985

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2985 NSC-LP2985 Datasheet
478Kb / 21P
Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
logo
STMicroelectronics
LD3985 STMICROELECTRONICS-LD3985 Datasheet
393Kb / 14P
ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REGULATORS LOW ESR CAPACITORS COMPATIBLE
27-Oct-2004
LD3986 STMICROELECTRONICS-LD3986 Datasheet
230Kb / 12P
DUAL ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REG. FOR USE WITH VERY LOW ESR OUT. CAPACITORS
22-Sep-2005
LD3985XX STMICROELECTRONICS-LD3985XX Datasheet
552Kb / 22P
Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
03-Jan-2011
logo
National Semiconductor ...
LP2978 NSC-LP2978_09 Datasheet
286Kb / 8P
Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
logo
STMicroelectronics
LDS3985XX STMICROELECTRONICS-LDS3985XX Datasheet
462Kb / 20P
Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
29-Jul-2010
logo
Unisonic Technologies
LD2985 UTC-LD2985_10 Datasheet
353Kb / 23P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP
LD2985 UTC-LD2985_11 Datasheet
353Kb / 23P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP.
LD2985 UTC-LD2985_17 Datasheet
292Kb / 15P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE
LD1985 UTC-LD1985_V01 Datasheet
459Kb / 9P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP.COMPATIBLE, WITH INHIBIT FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com