Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL3N65M2 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STL3N65M2
Description  N-channel 650 V, 1.6 typ., 2.3 A MDmesh M2 Power MOSFET in a PowerFLAT 3.3x3.3 HV package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL3N65M2 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STL3N65M2 Datasheet HTML 5Page - STMicroelectronics STL3N65M2 Datasheet HTML 6Page - STMicroelectronics STL3N65M2 Datasheet HTML 7Page - STMicroelectronics STL3N65M2 Datasheet HTML 8Page - STMicroelectronics STL3N65M2 Datasheet HTML 9Page - STMicroelectronics STL3N65M2 Datasheet HTML 10Page - STMicroelectronics STL3N65M2 Datasheet HTML 11Page - STMicroelectronics STL3N65M2 Datasheet HTML 12Page - STMicroelectronics STL3N65M2 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Contents
1
Electrical ratings ..................................................................2
2
Electrical characteristics...........................................................3
2.1
Electrical characteristics (curves) ................................................. 5
3
Test circuits .......................................................................7
4
Package information...............................................................8
4.1
PowerFLAT 3.3x3.3 HV package information ....................................... 9
Revision history .......................................................................11
STL3N65M2
Contents
DS11065 - Rev 4
page 12/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com