Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL3N65M2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STL3N65M2
Description  N-channel 650 V, 1.6 typ., 2.3 A MDmesh M2 Power MOSFET in a PowerFLAT 3.3x3.3 HV package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL3N65M2 Datasheet(HTML) 2 Page - STMicroelectronics

  STL3N65M2 Datasheet HTML 1Page - STMicroelectronics STL3N65M2 Datasheet HTML 2Page - STMicroelectronics STL3N65M2 Datasheet HTML 3Page - STMicroelectronics STL3N65M2 Datasheet HTML 4Page - STMicroelectronics STL3N65M2 Datasheet HTML 5Page - STMicroelectronics STL3N65M2 Datasheet HTML 6Page - STMicroelectronics STL3N65M2 Datasheet HTML 7Page - STMicroelectronics STL3N65M2 Datasheet HTML 8Page - STMicroelectronics STL3N65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1
Electrical ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
650
V
VGS
Gate-source voltage
±25
V
ID
Drain current (continuous) at TC = 25 °C
2.3
A
Drain current (continuous) at TC = 100 °C
1.45
Drain current (continuous) at TA = 25 °C
0.7
Drain current (continuous) at TA = 100 °C
0.43
IDM (1)
Drain current pulsed
2.8
A
PTOT
Total power dissipation at TA = 25 °C
2
W
Total power dissipation at TC = 25 °C
22
W
IAS
Avalanche current, repetitive or non-repetitive (pulse width limited by TJ max)
0.3
A
EAS
Single pulse avalanche energy (starting TJ = 25 °C, ID = IAS, VDD = 50 V)
275
mJ
dv/dt(2)
Peak diode recovery voltage slope
15
V/ns
TJ
Operating junction temperature range
-55 to 150
°C
Tstg
Storage temperature range
°C
1. Pulse width is limited by safe operating area.
2. ISD ≤ 2.3 A, di/dt ≤ 400 A/μs, VDS (peak) ≤ V(BR)DSS, VDD = 80% V(BR)DSS.
Table 2. Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance, junction-to-case
5.6
°C/W
RthJA(1)
Thermal resistance, junction-to-ambient
62.5
°C/W
1. When mounted on an 1-inch² FR-4, 2 Oz copper board, t < 10 s.
STL3N65M2
Electrical ratings
DS11065 - Rev 4
page 2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com