Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STO68N65DM6 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STO68N65DM6
Description  N-channel 650 V, 53 m typ., 55 A MDmesh DM6 Power MOSFET in a TO‑LL package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STO68N65DM6 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STO68N65DM6 Datasheet HTML 7Page - STMicroelectronics STO68N65DM6 Datasheet HTML 8Page - STMicroelectronics STO68N65DM6 Datasheet HTML 9Page - STMicroelectronics STO68N65DM6 Datasheet HTML 10Page - STMicroelectronics STO68N65DM6 Datasheet HTML 11Page - STMicroelectronics STO68N65DM6 Datasheet HTML 12Page - STMicroelectronics STO68N65DM6 Datasheet HTML 13Page - STMicroelectronics STO68N65DM6 Datasheet HTML 14Page - STMicroelectronics STO68N65DM6 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Contents
1
Electrical ratings ..................................................................2
2
Electrical characteristics...........................................................3
2.1
Electrical characteristics (curves) ................................................. 5
3
Test circuits .......................................................................7
4
Package information...............................................................8
4.1
TO-LL type A2 package information ............................................... 8
4.2
TO-LL packing information...................................................... 11
Revision history .......................................................................13
STO68N65DM6
Contents
DS13723 - Rev 1
page 14/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com