Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STO68N65DM6 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STO68N65DM6
Description  N-channel 650 V, 53 m typ., 55 A MDmesh DM6 Power MOSFET in a TO‑LL package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STO68N65DM6 Datasheet(HTML) 2 Page - STMicroelectronics

  STO68N65DM6 Datasheet HTML 1Page - STMicroelectronics STO68N65DM6 Datasheet HTML 2Page - STMicroelectronics STO68N65DM6 Datasheet HTML 3Page - STMicroelectronics STO68N65DM6 Datasheet HTML 4Page - STMicroelectronics STO68N65DM6 Datasheet HTML 5Page - STMicroelectronics STO68N65DM6 Datasheet HTML 6Page - STMicroelectronics STO68N65DM6 Datasheet HTML 7Page - STMicroelectronics STO68N65DM6 Datasheet HTML 8Page - STMicroelectronics STO68N65DM6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1
Electrical ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate-source voltage
±25
V
ID(1)
Drain current (continuous) at TC = 25 °C
55
A
Drain current (continuous) at TC = 100 °C
35
IDM(2)
Drain current (pulsed)
172
A
PTOT
Total power dissipation at TC = 25 °C
240
W
dv/dt(3)
Peak diode recovery voltage slope
100
V/ns
di/dt(3)
Peak diode recovery current slope
1000
A/μs
dv/dt(4)
MOSFET dv/dt ruggedness
100
V/ns
Tstg
Storage temperature range
-55 to 150
°C
TJ
Operating junction temperature range
°C
1. Referred to TO-247 package.
2. Pulse width is limited by safe operating area.
3. ISD ≤ 55 A, VDS (peak) < V(BR)DSS, VDD = 400 V.
4. VDS ≤ 520 V.
Table 2. Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance, junction-to-case
0.52
°C/W
RthJB
Thermal resistance, junction-to-board(1)
43
°C/W
Thermal resistance, junction-to-board(2)
22
1. When mounted on 1 inch² FR-4 pcb, standard footprint 2 Oz copper board.
2. When mounted on 40x40mm FR-4 pcb, 6 cm² 2 Oz copper board.
Table 3. Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not repetitive (pulse width limited by TJ max.)
9
A
EAS
Single pulse avalanche energy (starting TJ = 25 °C, ID = IAR, VDD = 50 V)
930
mJ
STO68N65DM6
Electrical ratings
DS13723 - Rev 1
page 2/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com