Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP50N65DM6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP50N65DM6
Description  N-channel 650 V, 74 m typ., 33 A, MDmesh DM6 Power MOSFET in a TO-220 package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP50N65DM6 Datasheet(HTML) 3 Page - STMicroelectronics

  STP50N65DM6 Datasheet HTML 1Page - STMicroelectronics STP50N65DM6 Datasheet HTML 2Page - STMicroelectronics STP50N65DM6 Datasheet HTML 3Page - STMicroelectronics STP50N65DM6 Datasheet HTML 4Page - STMicroelectronics STP50N65DM6 Datasheet HTML 5Page - STMicroelectronics STP50N65DM6 Datasheet HTML 6Page - STMicroelectronics STP50N65DM6 Datasheet HTML 7Page - STMicroelectronics STP50N65DM6 Datasheet HTML 8Page - STMicroelectronics STP50N65DM6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2
Electrical characteristics
TC = 25 °C unless otherwise specified
Table 4. On/off-state
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS = 0 V, ID = 1 mA
650
V
IDSS
Zero gate voltage drain current
VGS = 0 V, VDS = 650 V
5
µA
VGS = 0 V, VDS = 650 V
TC = 125 °C (1)
100
µA
IGSS
Gate body leakage current
VDS = 0 V, VGS = ±25 V
±5
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
3.25
4
4.75
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID = 16.5 A
74
91
mΩ
1. Defined by design, not subject to production test.
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 100 V, f = 1 MHz, VGS = 0 V
-
2300
-
pF
Coss
Output capacitance
-
165
-
pF
Crss
Reverse transfer capacitance
-
3
-
pF
Coss eq. (1)
Equivalent output capacitance
VDS = 0 to 520 V, VGS = 0 V
414
pF
Rg
Intrinsic gate resistance
f = 1 MHz, ID = 0 A
-
1.7
-
Qg
Total gate charge
VDD = 520 V, ID = 33 A
VGS= 0 to 10 V (see Figure 14. Test
circuit for gate charge behavior)
-
52.5
-
nC
Qgs
Gate-source charge
-
14.5
-
nC
Qgd
Gate-drain charge
-
22.5
-
nC
1. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as COSS when VDS increases from 0
to 80% VDSS
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD= 325 V, ID = 16.5 A, RG = 4.7 Ω
VGS = 10 V (see Figure 13. Test circuit
for resistive load switching times and
Figure 18. Switching time waveform)
-
19.2
-
ns
tr
Rise time
-
12
-
ns
td(off)
Turn-off delay time
-
59.6
-
ns
tf
Fall time
-
9.6
-
ns
STP50N65DM6
Electrical characteristics
DS12360 - Rev 4
page 3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com