Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP50N65DM6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP50N65DM6
Description  N-channel 650 V, 74 m typ., 33 A, MDmesh DM6 Power MOSFET in a TO-220 package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP50N65DM6 Datasheet(HTML) 1 Page - STMicroelectronics

  STP50N65DM6 Datasheet HTML 1Page - STMicroelectronics STP50N65DM6 Datasheet HTML 2Page - STMicroelectronics STP50N65DM6 Datasheet HTML 3Page - STMicroelectronics STP50N65DM6 Datasheet HTML 4Page - STMicroelectronics STP50N65DM6 Datasheet HTML 5Page - STMicroelectronics STP50N65DM6 Datasheet HTML 6Page - STMicroelectronics STP50N65DM6 Datasheet HTML 7Page - STMicroelectronics STP50N65DM6 Datasheet HTML 8Page - STMicroelectronics STP50N65DM6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
2
3
TO-220
TAB
D(2, TAB)
G(1)
S(3)
AM01476v1_tab
Features
Order code
VDS
RDS(on) max.
ID
STP50N65DM6
650 V
91 mΩ
33 A
Fast-recovery body diode
Lower RDS(on) per area vs previous generation
Low gate charge, input capacitance and resistance
100% avalanche tested
Extremely high dv/dt ruggedness
Zener-protected
Applications
Switching applications
Description
This high-voltage N-channel Power MOSFET is part of the MDmesh DM6 fast-
recovery diode series. Compared with the previous MDmesh fast generation, DM6
combines very low recovery charge (Qrr), recovery time (trr) and excellent
improvement in RDS(on) per area with one of the most effective switching behaviors
available in the market for the most demanding high-efficiency bridge topologies and
ZVS phase-shift converters.
Product status link
STP50N65DM6
Product summary
Order code
STP50N65DM6
Marking
50N65DM6
Package
TO-220
Packing
Tube
N-channel 650 V, 74 mΩ typ., 33 A, MDmesh DM6 Power MOSFET
in a TO-220 package
STP50N65DM6
Datasheet
DS12360 - Rev 4 - July 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STP50N65DM6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP50N06 STMICROELECTRONICS-STP50N06 Datasheet
201Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Jul-1993
STP50N06FI STMICROELECTRONICS-STP50N06FI Datasheet
201Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Jul-1993
logo
Inchange Semiconductor ...
STP50N06FI ISC-STP50N06FI Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP50N06L STMICROELECTRONICS-STP50N06L Datasheet
199Kb / 10P
N - CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR
Jul-1993
logo
Inchange Semiconductor ...
STP50N06L ISC-STP50N06L Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP50N65DM6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW68N65DM6-4AG STMICROELECTRONICS-STW68N65DM6-4AG Datasheet
263Kb / 12P
Automotive N-channel 650 V, 33 mΩ typ., 72 A MDmesh DM6 Power MOSFET in a TO247?? package
Rev 2 - July 2020
STD9N65DM6AG STMICROELECTRONICS-STD9N65DM6AG Datasheet
336Kb / 15P
Automotive-grade N-channel 650 V, 365 m typ., 9 A MDmesh DM6 Power MOSFET in a DPAK package
17-Apr-2020
STWA68N65DM6AG STMICROELECTRONICS-STWA68N65DM6AG Datasheet
275Kb / 12P
Automotive-grade N-channel 650 V, 33 m typ., 72 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
27-Jul-2020
STO68N65DM6 STMICROELECTRONICS-STO68N65DM6 Datasheet
1Mb / 15P
N-channel 650 V, 53 m typ., 55 A MDmesh DM6 Power MOSFET in a TO‑LL package
06-May-2021
STP30N65DM6AG STMICROELECTRONICS-STP30N65DM6AG Datasheet
235Kb / 12P
Automotive-grade N-channel 650 V, 102 mΩ typ., 28 A MDmesh DM6 Power MOSFET in a TO-220 package
09-Jun-2021
STP33N60DM6 STMICROELECTRONICS-STP33N60DM6 Datasheet
273Kb / 12P
N-channel 600 V, 115 m typ., 25 A, MDmesh™ DM6 Power MOSFET in a TO‑220 package
18-May-2020
STP65N150M9 STMICROELECTRONICS-STP65N150M9 Datasheet
225Kb / 12P
N-channel 650 V, 128 m typ., 20 A MDmesh M9 Power MOSFET in a TO-220 package
19-Jul-2022
STW50N65DM6 STMICROELECTRONICS-STW50N65DM6 Datasheet
250Kb / 12P
N-channel 650 V, 74 m typ., 33 A MDmesh DM6 Power MOSFET in a TO-247 package
02-Jul-2020
STWA68N65DM6 STMICROELECTRONICS-STWA68N65DM6 Datasheet
258Kb / 12P
N-channel 650 V, 51 m typ., 55 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
19-May-2021
STWA75N65DM6 STMICROELECTRONICS-STWA75N65DM6 Datasheet
253Kb / 12P
N-channel 650 V, 33 m typ., 75 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
24-Sep-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com