Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDS3985M15R Datasheet(PDF) 9 Page - STMicroelectronics

Part # LDS3985M15R
Description  ULTRA LOW DROP-LOW NOISE BICMOS 300mA V.REG. FOR USE WITH VERY LOW ESR OUTPUT CAPACITOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDS3985M15R Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LDS3985M15R Datasheet HTML 5Page - STMicroelectronics LDS3985M15R Datasheet HTML 6Page - STMicroelectronics LDS3985M15R Datasheet HTML 7Page - STMicroelectronics LDS3985M15R Datasheet HTML 8Page - STMicroelectronics LDS3985M15R Datasheet HTML 9Page - STMicroelectronics LDS3985M15R Datasheet HTML 10Page - STMicroelectronics LDS3985M15R Datasheet HTML 11Page - STMicroelectronics LDS3985M15R Datasheet HTML 12Page - STMicroelectronics LDS3985M15R Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
LDS3985 SERIES
9/13
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.80
1.00
31.5
39.4
A1
0
0.05
0.0
2.0
A2
0.65
0.75
25.6
29.5
A3
0.20
7.9
b
0.33
0.43
13.0
16.9
D
2.90
3.00
3.10
114.2
118.1
122.0
D2
1.92
2.12
75.6
83.5
E
2.90
3.00
3.10
114.2
118.1
122.0
E2
1.11
1.31
43.7
51.6
e0.95
37.4
L
0.20
0.45
7.9
17.7
L1
0.24
9.4
L2
0.13
5.1
K
0.20
7.9
DFN6 (3x3) MECHANICAL DATA
7387339A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com