Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDS3985M15R Datasheet(PDF) 2 Page - STMicroelectronics

Part # LDS3985M15R
Description  ULTRA LOW DROP-LOW NOISE BICMOS 300mA V.REG. FOR USE WITH VERY LOW ESR OUTPUT CAPACITOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDS3985M15R Datasheet(HTML) 2 Page - STMicroelectronics

  LDS3985M15R Datasheet HTML 1Page - STMicroelectronics LDS3985M15R Datasheet HTML 2Page - STMicroelectronics LDS3985M15R Datasheet HTML 3Page - STMicroelectronics LDS3985M15R Datasheet HTML 4Page - STMicroelectronics LDS3985M15R Datasheet HTML 5Page - STMicroelectronics LDS3985M15R Datasheet HTML 6Page - STMicroelectronics LDS3985M15R Datasheet HTML 7Page - STMicroelectronics LDS3985M15R Datasheet HTML 8Page - STMicroelectronics LDS3985M15R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LDS3985 SERIES
2/13
Table 1: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
(*) The input pin is able to withstand non repetitive spike of 6.5V for 200ms.
Table 2: Thermal Data
Table 3: Order Codes
(*) Available on request.
Symbol
Parameter
Value
Unit
VI
DC Input Voltage
-0.3 to 6 (*)
V
VO
DC Output Voltage
-0.3 to VI+0.3
V
VINH
INHIBIT Input Voltage
-0.3 to VI+0.3
V
IO
Output Current
Internally limited
PD
Power Dissipation
Internally limited
TSTG
Storage Temperature Range
-65 to 150
°C
TOP
Operating Junction Temperature Range
-40 to 125
°C
Symbol
Parameter
SOT23-5L
DFN6
Unit
Rthj-case Thermal Resistance Junction-case
81
10
°C/W
Rthj-amb Thermal Resistance Junction-ambient
255
55
°C/W
SOT23-5L
DFN6
OUTPUT VOLTAGES
LDS3985M125R (*)
LDS3985PM12R (*)
1.25 V
LDS3985M135R (*)
LDS3985PM13R (*)
1.35 V
LDS3985M15R (*)
LDS3985PM15R (*)
1.5 V
LDS3985M18R
LDS3985PM18R
1.8 V
LDS3985M20R (*)
LDS3985PM20R (*)
2.0 V
LDS3985M21R (*)
LDS3985PM21R (*)
2.1 V
LDS3985M22R (*)
LDS3985PM22R (*)
2.2 V
LDS3985M25R
LDS3985PM25R
2.5 V
LDS3985M26R (*)
LDS3985PM26R (*)
2.6 V
LDS3985M27R (*)
LDS3985PM27R (*)
2.7 V
LDS3985M28R
LDS3985PM28R
2.8 V
LDS3985M285R (*)
LDS3985PM285R (*)
2.85 V
LDS3985M29R
LDS3985PM29R (*)
2.9 V
LDS3985M30R (*)
LDS3985PM30R (*)
3.0 V
LDS3985M31R (*)
LDS3985PM31R (*)
3.1 V
LDS3985M32R (*)
LDS3985PM32R (*)
3.2 V
LDS3985M33R
LDS3985PM33R
3.3 V
LDS3985M47R (*)
LDS3985PM47R (*)
4.7 V
LDS3985M48R (*)
LDS3985PM48R (*)
4.8 V
LDS3985M49R (*)
LDS3985PM49R (*)
4.9 V
LDS3985M50R (*)
LDS3985PM50R (*)
5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com