Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW35N65DM2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STW35N65DM2
Description  N-channel 650 V, 93 m typ., 32 A MDmesh DM2 Power MOSFET in a TO-247 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW35N65DM2 Datasheet(HTML) 5 Page - STMicroelectronics

  STW35N65DM2 Datasheet HTML 1Page - STMicroelectronics STW35N65DM2 Datasheet HTML 2Page - STMicroelectronics STW35N65DM2 Datasheet HTML 3Page - STMicroelectronics STW35N65DM2 Datasheet HTML 4Page - STMicroelectronics STW35N65DM2 Datasheet HTML 5Page - STMicroelectronics STW35N65DM2 Datasheet HTML 6Page - STMicroelectronics STW35N65DM2 Datasheet HTML 7Page - STMicroelectronics STW35N65DM2 Datasheet HTML 8Page - STMicroelectronics STW35N65DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GADG210720171608SOA
10 2
10 1
10 0
10 -1
10 -1
10 0
10 1
10 2
ID
(A)
VDS (V)
tp = 1 µs
tp = 10 µs
tp = 100 µs
tp = 1 ms
tp = 10ms
T j ≤150 °C
T c = 25°C
single pulse
Operation in this area is
limited by R DS(on)
Figure 2. Thermal impedance
Figure 3. Output characteristics
GIPG110720170910OCH
80
60
40
20
0
0
4
8
12
16
ID
(A)
VDS (V)
VGS =6 V
VGS =7 V
VGS = 9, 10 V
VGS =8 V
Figure 4. Transfer characteristics
GIPG110720170910TCH
80
60
40
20
0
4
5
6
7
8
ID
(A)
VGS (V)
VDS = 20 V
Figure 5. Gate charge vs gate-source voltage
GIPG110720170911QVG
12
10
8
6
4
2
0
600
500
400
300
200
100
0
0
10
20
30
40
50
60
VGS
(V)
VDS
(V)
Qg (nC)
VDD = 520 V
ID = 32 A
VDS
Figure 6. Static drain-source on-resistance
GIPG110720170908RID
0.99
0.97
0.95
0.93
0.91
0.89
0.87
0
5
10
15
20
25
30
RDS(on)
(Ω)
ID (A)
VGS = 10 V
STW35N65DM2
Electrical characteristics (curves)
DS12247 - Rev 3
page 5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com