Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW35N65DM2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW35N65DM2
Description  N-channel 650 V, 93 m typ., 32 A MDmesh DM2 Power MOSFET in a TO-247 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW35N65DM2 Datasheet(HTML) 1 Page - STMicroelectronics

  STW35N65DM2 Datasheet HTML 1Page - STMicroelectronics STW35N65DM2 Datasheet HTML 2Page - STMicroelectronics STW35N65DM2 Datasheet HTML 3Page - STMicroelectronics STW35N65DM2 Datasheet HTML 4Page - STMicroelectronics STW35N65DM2 Datasheet HTML 5Page - STMicroelectronics STW35N65DM2 Datasheet HTML 6Page - STMicroelectronics STW35N65DM2 Datasheet HTML 7Page - STMicroelectronics STW35N65DM2 Datasheet HTML 8Page - STMicroelectronics STW35N65DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TO-247
1
2
3
D(2, TAB)
G(1)
S(3)
NG1D2TS3Z
Features
Order code
VDS
RDS(on) max.
ID
STW35N65DM2
650 V
110 mΩ
32 A
Fast-recovery body diode
Extremely low gate charge and input capacitance
Low on-resistance
100% avalanche tested
Extremely high dv/dt ruggedness
Zener-protected
Applications
Switching applications
Description
This high-voltage N-channel Power MOSFET is part of the MDmesh DM2 fast-
recovery diode series. It offers very low recovery charge (Qrr) and time (trr) combined
with low RDS(on), rendering it suitable for the most demanding high-efficiency
converters and ideal for bridge topologies and ZVS phase-shift converters.
Product status link
STW35N65DM2
Product summary
Order code
STW35N65DM2
Marking
35N65DM2
Package
TO-247
Packing
Tube
N-channel 650 V, 93 mΩ typ., 32 A MDmesh DM2 Power MOSFET
in a TO-247 package
STW35N65DM2
Datasheet
DS12247 - Rev 3 - August 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STW35N65DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW35N65M5 STMICROELECTRONICS-STW35N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.085 廓, 27 A, MDmesh??V Power MOSFET in D짼PAK, TO-220FP, I짼PAK, TO-220, TO-247
06-Oct-2011
logo
Inchange Semiconductor ...
STW35N65M5 ISC-STW35N65M5 Datasheet
407Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW35N65DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW43N60DM2 STMICROELECTRONICS-STW43N60DM2 Datasheet
405Kb / 12P
N-channel 600 V, 0.085 Ω typ., 34 A MDmesh™ DM2 Power MOSFET in a TO-247 package
July 2015 Rev 2
STW50N65DM2AG STMICROELECTRONICS-STW50N65DM2AG Datasheet
768Kb / 12P
Automotive-grade N-channel 650 V, 0.070 Ω typ., 38 A Power MOSFET MDmesh™ DM2 in a TO-247 package
09-Jul-2015
STW56N60DM2 STMICROELECTRONICS-STW56N60DM2 Datasheet
405Kb / 12P
N-channel 600 V, 0.052 Ω typ., 50 A MDmesh™ DM2 Power MOSFET in a TO-247 package
15-Jun-2015
STW56N65DM2 STMICROELECTRONICS-STW56N65DM2 Datasheet
719Kb / 12P
N-channel 650 V, 0.058 Ω typ., 48 A MDmesh™ DM2 Power MOSFET in a TO-247 package
15-Sep-2015
STW58N65DM2AG STMICROELECTRONICS-STW58N65DM2AG Datasheet
718Kb / 12P
Automotive-grade N-channel 650 V, 0.058 Ω typ., 48 A MDmesh™ DM2 Power MOSFET in a TO-247 package
15-Sep-2015
STW65N65DM2AG STMICROELECTRONICS-STW65N65DM2AG Datasheet
402Kb / 12P
Automotive-grade N-channel 650 V, 0.042 Ω typ., 60 A Power MOSFET MDmesh™ DM2 in a TO-247 package
04-Aug-2015
STW26N65DM2 STMICROELECTRONICS-STW26N65DM2 Datasheet
269Kb / 13P
N-channel 650 V, 0.156 typ., 20 A, MDmesh™ DM2 Power MOSFET in a TO-247 package
July 2018 Rev 1
STW50N65DM6 STMICROELECTRONICS-STW50N65DM6 Datasheet
250Kb / 12P
N-channel 650 V, 74 m typ., 33 A MDmesh DM6 Power MOSFET in a TO-247 package
02-Jul-2020
STWA65N65DM2AG STMICROELECTRONICS-STWA65N65DM2AG Datasheet
324Kb / 12P
Automotive-grade N-channel 650 V, 42 m typ., 60 A MDmesh DM2 Power MOSFET in a TO-247 long leads package
25-May-2020
STF18N65DM2 STMICROELECTRONICS-STF18N65DM2 Datasheet
234Kb / 12P
N-channel 650 V, 231 m typ., 12 A, MDmesh DM2 Power MOSFET in a TO-220FP package
10-May-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com