Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWA63N65DM2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STWA63N65DM2
Description  N-channel 650 V, 0.042 typ., 60 A MDmesh™ DM2 Power MOSFET in a TO-247 long leads package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWA63N65DM2 Datasheet(HTML) 5 Page - STMicroelectronics

  STWA63N65DM2 Datasheet HTML 1Page - STMicroelectronics STWA63N65DM2 Datasheet HTML 2Page - STMicroelectronics STWA63N65DM2 Datasheet HTML 3Page - STMicroelectronics STWA63N65DM2 Datasheet HTML 4Page - STMicroelectronics STWA63N65DM2 Datasheet HTML 5Page - STMicroelectronics STWA63N65DM2 Datasheet HTML 6Page - STMicroelectronics STWA63N65DM2 Datasheet HTML 7Page - STMicroelectronics STWA63N65DM2 Datasheet HTML 8Page - STMicroelectronics STWA63N65DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GIPG270715FQF9WSOA
Figure 2. Thermal impedance
10
-4
10
-3
10
-2
10
-1
tp(s)
10
-2
10
-1
K
0.2
0.05
0.02
0.01
0.1
Single pulse
d=0.5
Zth=k *Rthj-c
d=tp/t
tp
t
AM09125v1
Figure 3. Output characteristics
GIPG270715FQF9WOCH
160
120
80
40
0
0
4
8
12
16
I D
(A)
V DS (V)
V GS = 9, 10 V
V GS = 8 V
V GS = 7 V
V GS = 6 V
V GS = 5 V
Figure 4. Transfer characteristics
GIPG270715FQF9WTCH
160
120
80
40
0
3
4
5
6
7
8
9
ID
(A)
VGS (V)
VDS = 15 V
Figure 5. Gate charge vs gate-source voltage
GIPG270715FQF9WQVG
12
10
8
6
4
2
0
600
500
400
300
200
100
0
0
20
40
60
80 100 120 140
VGS
(V)
VDS
(V)
Q g (nC)
VDS
VDD= 520 V, ID= 60 A
Figure 6. Static drain-source on-resistance
GIPG270715FQF9WRID
0.05
0.046
0.042
0.038
0.034
0.030
0
10
20
30
40
50
R DS(on)
(Ω)
I D (A)
V GS = 10 V
STWA63N65DM2
Electrical characteristics (curves)
DS12555 - Rev 1
page 5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com