Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWA63N65DM2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STWA63N65DM2
Description  N-channel 650 V, 0.042 typ., 60 A MDmesh™ DM2 Power MOSFET in a TO-247 long leads package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWA63N65DM2 Datasheet(HTML) 1 Page - STMicroelectronics

  STWA63N65DM2 Datasheet HTML 1Page - STMicroelectronics STWA63N65DM2 Datasheet HTML 2Page - STMicroelectronics STWA63N65DM2 Datasheet HTML 3Page - STMicroelectronics STWA63N65DM2 Datasheet HTML 4Page - STMicroelectronics STWA63N65DM2 Datasheet HTML 5Page - STMicroelectronics STWA63N65DM2 Datasheet HTML 6Page - STMicroelectronics STWA63N65DM2 Datasheet HTML 7Page - STMicroelectronics STWA63N65DM2 Datasheet HTML 8Page - STMicroelectronics STWA63N65DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
D(2)
G(1)
S(3)
AM01476v1_No_tab
Features
Order code
VDS
RDS(on) max.
ID
PTOT
STWA63N65DM2
650 V
0.050 Ω
60 A
446 W
Fast-recovery body diode
Extremely low gate charge and input capacitance
Low on-resistance
100% avalanche tested
Extremely high dv/dt ruggedness
Zener-protected
Applications
Switching applications
Description
This high-voltage N-channel Power MOSFET is part of the MDmesh™ DM2 fast
recovery diode series. It offers very low recovery charge (Qrr) and time (trr) combined
with low RDS(on), rendering it suitable for the most demanding high-efficiency
converters and ideal for bridge topologies and ZVS phase-shift converters.
Product status link
STWA63N65DM2
Product summary
Order code
STWA63N65DM2
Marking
63N65DM2
Package
TO-247 long leads
Packing
Tube
N-channel 650 V, 0.042 Ω typ., 60 A MDmesh™ DM2 Power MOSFET in a
TO-247 long leads package
STWA63N65DM2
Datasheet
DS12555 - Rev 1 - April 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STWA63N65DM2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STWA65N023M9 ISC-STWA65N023M9 Datasheet
308Kb / 2P
N-Channel MOSFET Transistor
logo
STMicroelectronics
STWA65N60DM6 STMICROELECTRONICS-STWA65N60DM6 Datasheet
340Kb / 14P
N-channel 600 V, 60 mΩ typ., 46 A MDmesh DM6 Power MOSFETs in a TO-247 and TO-247 long leads packages
May 2021
STWA65N65DM2AG STMICROELECTRONICS-STWA65N65DM2AG Datasheet
324Kb / 12P
Automotive-grade N-channel 650 V, 42 m typ., 60 A MDmesh DM2 Power MOSFET in a TO-247 long leads package
25-May-2020
STWA67N60DM6 STMICROELECTRONICS-STWA67N60DM6 Datasheet
274Kb / 12P
N-channel 600 V, 45 m typ., 58 A MDmesh DM6 Power MOSFET in a TO‑247 long leads package
04-Jun-2021
STWA67N60M6 STMICROELECTRONICS-STWA67N60M6 Datasheet
1Mb / 12P
N-channel 600 V, 45 m typ., 52 A MDmesh M6 Power MOSFET in a TO-247 long leads package
18-Dec-2019
More results

Similar Description - STWA63N65DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW56N65DM2 STMICROELECTRONICS-STW56N65DM2 Datasheet
719Kb / 12P
N-channel 650 V, 0.058 Ω typ., 48 A MDmesh™ DM2 Power MOSFET in a TO-247 package
15-Sep-2015
STW65N65DM2AG STMICROELECTRONICS-STW65N65DM2AG Datasheet
402Kb / 12P
Automotive-grade N-channel 650 V, 0.042 Ω typ., 60 A Power MOSFET MDmesh™ DM2 in a TO-247 package
04-Aug-2015
STWA48N60DM2 STMICROELECTRONICS-STWA48N60DM2 Datasheet
728Kb / 12P
N-channel 600 V, 0.065 Ω typ., 40 A MDmesh™ DM2 Power MOSFET in a TO-247 long leads package
December 2016
STWA70N65DM6 STMICROELECTRONICS-STWA70N65DM6 Datasheet
949Kb / 12P
N-channel 650 V, 36 mΩ typ., 68 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
02-Jul-2020
STW35N65DM2 STMICROELECTRONICS-STW35N65DM2 Datasheet
262Kb / 12P
N-channel 650 V, 93 m typ., 32 A MDmesh DM2 Power MOSFET in a TO-247 package
31-Aug-2020
STWA50N65DM2AG STMICROELECTRONICS-STWA50N65DM2AG Datasheet
726Kb / 12P
Automotive-grade N-channel 650 V, 0.070 typ., 38 A Power MOSFET MDmesh™ DM2 in TO-247 long leads package
December 2017 Rev 2
STWA65N65DM2AG STMICROELECTRONICS-STWA65N65DM2AG Datasheet
324Kb / 12P
Automotive-grade N-channel 650 V, 42 m typ., 60 A MDmesh DM2 Power MOSFET in a TO-247 long leads package
25-May-2020
STWA68N65DM6 STMICROELECTRONICS-STWA68N65DM6 Datasheet
258Kb / 12P
N-channel 650 V, 51 m typ., 55 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
19-May-2021
STWA70N60DM2 STMICROELECTRONICS-STWA70N60DM2 Datasheet
414Kb / 12P
N-channel 600 V, 0.037 typ., 66 A MDmesh™ DM2 Power MOSFET in a TO-247 long leads package
July 2015 Rev 2
STWA75N65DM6 STMICROELECTRONICS-STWA75N65DM6 Datasheet
253Kb / 12P
N-channel 650 V, 33 m typ., 75 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
24-Sep-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com