Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM5481 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM5481
Description  LED Display Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM5481 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM5481 Datasheet HTML 1Page - National Semiconductor (TI) MM5481 Datasheet HTML 2Page - National Semiconductor (TI) MM5481 Datasheet HTML 3Page - National Semiconductor (TI) MM5481 Datasheet HTML 4Page - National Semiconductor (TI) MM5481 Datasheet HTML 5Page - National Semiconductor (TI) MM5481 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Voltage at Any Pin
VSS to VSS a 12V
Storage Temperature
b
65 Cto a150 C
Power Dissipation at 25 C
Molded DIP Package Board Mount
2W
Molded DIP Package Socket Mount
18W
Junction Temperature
a
150 C
Lead Temperature (Soldering 10 sec)
300 C
Molded DIP Package Board Mount iJA e 61 CW Derate 164 mW C
above 25 C
Molded DIP Package Socket Mount iJA e 67 CW Derate 149 mW C
above 25 C
Electrical Characteristics
TA eb25 Cto a85 C VDD e 475V to 110V VSS e 0V unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
Power Supply
475
11
V
IDD
Power Supply Current
Excluding Output Loads
7
mA
VIL
Input Voltages
Logical ‘‘0’’ Level
g
10 mA Input Bias
b
03
08
V
VIH
Logical ‘‘1’’ Level
475 s VDD s 525
22
VDD
V
VDD l 525
VDD b 2VDD
V
IBR
Brightness Input Current
0
075
mA
(Note 2)
IOH
Output Sink Current
(Note 3)
Segment OFF
VOUT e 30V
100
m
A
IOL
Segment ON
VOUT e 1V (Note 4)
Brightness Input e 0 mA
0
100
m
A
Brightness Input e 100 mA
20
27
40
mA
Brightness Input e 750 mA
150
250
mA
VIBR
Brightness Input Voltage
Input Current e 750 mA
30
43
V
(Pin 9)
OM
Output Matching (Note 1)
g
20
%
AC Electrical Characteristics TA eb25 Cto a85 C VDD e 5V g 05V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
fC
Clock Input Frequency
(Notes 5 and 6)
DC
500
kHz
th
High Time
950
ns
tI
Low Time
950
ns
Data Input
tDS
Set-Up Time
300
ns
tDH
Hold Time
300
ns
tDES
Data Enable Input
Set-Up Time
100
ns
Note 1
Output matching is calculated as the percent variation from IMAX a IMIN 2
Note 2
With a fixed resistor on the brightness input pin some variation in brightness will occur from one device to another Maximum brightness input current can
be 2 mA as long as Note 3 and junction temperature equation are compiled with
Note 3
Absolute maximum for each output should be limited to 40 mA
Note 4
The VOUT voltage should be regulated by the user
Note 5
AC input waveform specification for test purpose tr s 20 ns tf s 20 ns f e 500 kHz 50% g 10% duty cycle
Note 6
Clock input rise and fall times must not exceed 300 ns
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com