Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM5481 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM5481
Description  LED Display Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM5481 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM5481 Datasheet HTML 1Page - National Semiconductor (TI) MM5481 Datasheet HTML 2Page - National Semiconductor (TI) MM5481 Datasheet HTML 3Page - National Semiconductor (TI) MM5481 Datasheet HTML 4Page - National Semiconductor (TI) MM5481 Datasheet HTML 5Page - National Semiconductor (TI) MM5481 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF6139
February 1995
MM5481 LED Display Driver
General Description
The 5481 is a monolithic MOS integrated circuit utilizing N-
channel metal gate low threshold enhancement mode and
ion-implanted depletion mode devices
It utilizes the
MM5450 die packaged in a 20-pin package making it ideal
for a 2 digit display The MM5481 is designed to drive com-
mon anode-separate cathode LED displays A single pin
controls the LED display brightness by setting a reference
current through a variable resistor connected either to VDD
or to a separate supply of 11V maximum
Features
Y
Continuous brightness control
Y
Serial data input
Y
No load signal required
Y
Data enable
Y
Wide power supply operation
Y
TTL compatibility
Y
Alphanumeric capability
Y
2 digit LED driver
Applications
Y
COPS or microprocessor displays
Y
Industrial control indicator
Y
Relay driver
Y
Instrumentation readouts
Block and Connection Diagrams
TLF6139 – 1
FIGURE 1
Dual-In-Line Package
TLF6139 – 2
Top View
FIGURE 2
Order Number MM5481N
See NS Package Number N20A
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM5481

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM5480 NSC-MM5480 Datasheet
107Kb / 6P
LED Display Driver
February 1995
MM5480N NSC-MM5480N Datasheet
107Kb / 6P
LED Display Driver
February 1995
MM5483 NSC-MM5483 Datasheet
136Kb / 6P
MM5483 Liquid Crystal Display Driver
MM5483 NSC-MM5483 Datasheet
172Kb / 7P
Liquid Crystal Display Driver
logo
Texas Instruments
MM5483 TI1-MM5483 Datasheet
330Kb / 11P
Liquid Crystal Display Driver
More results

Similar Description - MM5481

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5480 STMICROELECTRONICS-M5480 Datasheet
97Kb / 6P
LED DISPLAY DRIVER
May-1993
M5481 STMICROELECTRONICS-M5481 Datasheet
76Kb / 8P
LED DISPLAY DRIVER
Apr-2000
M5482 STMICROELECTRONICS-M5482 Datasheet
97Kb / 6P
LED DISPLAY DRIVER
May-1993
M5482 STMICROELECTRONICS-M5482_04 Datasheet
131Kb / 10P
LED DISPLAY DRIVER
09-Jun-2004
logo
Micrel Semiconductor
MM5450 MICREL-MM5450_06 Datasheet
741Kb / 6P
LED Display Driver
logo
STMicroelectronics
M5480 STMICROELECTRONICS-M5480_04 Datasheet
112Kb / 10P
LED DISPLAY DRIVER
14-Apr-2004
M5481 STMICROELECTRONICS-M5481_04 Datasheet
162Kb / 10P
LED DISPLAY DRIVER
14-Apr-2004
logo
Silicon Touch Technolog...
ST2225A SITI-ST2225A Datasheet
318Kb / 12P
LED Display Driver
logo
Micrel Semiconductor
MM5450 MICREL-MM5450_11 Datasheet
283Kb / 9P
LED Display Driver
logo
National Semiconductor ...
MM5480 NSC-MM5480 Datasheet
107Kb / 6P
LED Display Driver
February 1995
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com