Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC737 Datasheet(PDF) 1 Page - Picker Components

Part # PC737
Description  30 Amp Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC737 Datasheet(HTML) 1 Page - Picker Components

  PC737 Datasheet HTML 1Page - Picker Components PC737 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
30 Amp Power Relay
FEATURES
1/4 inch male QC terminals
Up to 30 amp switching capacity
Heavy duty double make double break contacts
Up to 1 1/2 horsepower rating
Available with push to test button
Available with indicator light
PC737
Load Type
General Purpose
Resistive
Motor
Voltage
120 VAC
277 VAC
28 VDC
200-600 VAC
120 VAC
All Versions
30 A
30 A
30 A
1 1/2 HP
1 HP
UL/CSA RATINGS
CHARACTERISTICS
Operate Time
20 ms. Max.
Release Time
Insulation Resistance
10 ms. Max.
1,000 megohms min, at 500VDC, 50%RH
Dielectric Strength
2200 Vrms, 1 min. between coil and contacts
1500 Vrms, 1 min. between open contacts
Shock Resistance
10 g, 11ms, functional; 100 g, destructive
Vibration Resistance
DA 2 mm, 10-50 Hz
Power Consumption
DC coil 1.2 W, AC coil 3 VA
Ambient Temperature Range
-40 to 70 C, -40 to 130 C storage
Weight
80 grams approx.
120 VAC
277 VAC
30 A
30 A
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
All Contacts
PC737 Rev A 5-6-02
1600 Vrms, 1 min. between contact circuits
PAGE 1
File # E93379
Certificate # LR 109231
ORDERING INFORMATION
Example:
PC737
Model
LM
Coil Voltage Code
1Z-
Contact Form
1X (SPSTNO), 1Y (SPSTNC), or 1Z (SPDT)
120 A
XXX VDC or XXX VAC
Case Style
C: Plain Case, C1: Side Flange, C3: Top Flange
Available with side or top mounting flange
Options
Nil: None; L: Indicator light; M: Push to test
C1-
600 VAC
15 A
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgCdO (Silver Cadmium Oxide)
50 milliohms max @ 1A, 6VDC
1 X 107
1 X 105
Operations
Operations


Similar Part No. - PC737

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC730 PICKER-PC730 Datasheet
207Kb / 3P
30 Amp Power Relay
PC730 PICKER-PC730_16 Datasheet
626Kb / 3P
30 Amp Power Relay
PC731 PICKER-PC731 Datasheet
189Kb / 2P
1 Pole To 3 Pole 10 Amp Plug In or Panel
PC7311C-12C PICKER-PC7311C-12C Datasheet
189Kb / 2P
1 Pole To 3 Pole 10 Amp Plug In or Panel
PC7311C-12C1 PICKER-PC7311C-12C1 Datasheet
189Kb / 2P
1 Pole To 3 Pole 10 Amp Plug In or Panel
More results

Similar Description - PC737

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ2700 AZETTLER-AZ2700 Datasheet
103Kb / 2P
30 AMP POWER RELAY
AZ2701 AZETTLER-AZ2701 Datasheet
91Kb / 2P
30 AMP POWER RELAY
AZ2702 AZETTLER-AZ2702 Datasheet
102Kb / 2P
30 AMP POWER RELAY
AZ2703 AZETTLER-AZ2703 Datasheet
104Kb / 2P
30 AMP POWER RELAY
AZ2704 AZETTLER-AZ2704 Datasheet
103Kb / 2P
30 AMP POWER RELAY
AZ2705 AZETTLER-AZ2705 Datasheet
108Kb / 2P
30 AMP POWER RELAY
logo
Picker Components
PC730 PICKER-PC730 Datasheet
207Kb / 3P
30 Amp Power Relay
PTRH-14 PICKER-PTRH-14 Datasheet
131Kb / 2P
30 AMP Power PCB Relay
logo
ZETTLER Electronics
AZ2704 ZETTLER-AZ2704 Datasheet
75Kb / 3P
30 AMP POWER RELAY
logo
Picker Components
PC730 PICKER-PC730_16 Datasheet
626Kb / 3P
30 Amp Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com