Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC737 Datasheet(PDF) 2 Page - Picker Components

Part # PC737
Description  30 Amp Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC737 Datasheet(HTML) 2 Page - Picker Components

  PC737 Datasheet HTML 1Page - Picker Components PC737 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC737
PC737
COIL DATA
Coil Voltage
Code
Resistance
ohms
Must Operate
Voltage Max.
Must Release
Voltage Min.
Voltage
Type
DC
AC
Coil
Power
06
12
24
48
110
06
12
24
48
110
120
240
32
120
472
1800
10000
18.0
72.0
1700
7200
1.5 W
4.5
9.0
18
36
82.5
93.5
19.2
102
204
0.6
1.2
2.4
4.8
1.2
2.4
12.0
24.0
PAGE 2
12
24
11.0
+ 10%
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
Tolerances + .010 unless otherwise noted
3.4 VA
Note: Custom coil voltages within the ranges shown are available on special order.
(22.0)
(5.6)
(16.0)
.88
.22
.63
1.870
(47.5)
1.37
(34.8)
1.50
(38.0)
2.50
(63.5)
2.750
(69.9)
.500
(12.7)
.140 Dia.
(3.55)
2.150
(54.61)
Plain Case
Side Flange
2.53
(64.26)
Top Flange
.250 Typ.
(6.35)
Dimensions in Inches (Millimeters)
1X
1Y
1Z
24
96
384
1536
9600
4.5
9.0
18
36
82.5
0.6
1.2
2.4
4.8
11.0
1X
1Y
1Z
A
B
3
4
1
2
Wiring Diagrams
A
B
3
4
1
2
A
B
3
4
1
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com