Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC798 Datasheet(PDF) 1 Page - Picker Components

Part # PC798
Description  Automotive Plug-In Relay With Integral Fuse
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC798 Datasheet(HTML) 1 Page - Picker Components

  PC798 Datasheet HTML 1Page - Picker Components PC798 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Automotive Plug-In Relay With Integral Fuse
FEATURES
Popular automotive relay style
Fits standard connectors and sockets
30 Amps continuous carrying capacity
Contact switching capacity up to 60 Amps
85 degrees C operating temperature
15 or 30 amp fuses available
PC798
Max. Switching Voltage
24 VDC
1 Form A
CONTACT RATINGS
CHARACTERISTICS
Operate Time
Less Than 7 ms.
Release Time
Insulation Resistance
Less Than 5 ms.
100 megohms min, at 500VDC, 50%RH
Dielectric Strength
750 Vrms, 1 min. between coil and contacts
Shock Resistance
20 g, 11ms, functional; 200 g, destructive
Vibration Resistance
Power Consumption
1.8 W approx.
Ambient Temperature Range
-40 to 85 degrees C operating, -40 to 125 storage
Weight
32 grams approx.
Sales: Call Toll Free (888)997-3933 Fax (818) 997-8903 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PC798 Rev A 5-27-04
PAGE 1
ORDERING INFORMATION
Will accept all standard automotive fises
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgSnO (Silver Tin Oxide)
100 milliohms max @ 0.1A, 6VDC
1 X 107
1 X 10 5
Operations
Operations
Contact Form
Max Switching Current
Break 30 Amps
Make 60 Amps
30 Amps
Max. Continuous Current
Minimum Load
0.1 A @ 12 VDC
Drop Resistance
1 Meter height drop on concrete in final enclosure
DA 1.27 mm, 10 - 40 Hz; 40-70 Hz: 5 g; DA 0.5mm, 70-100 Hz; 100-500 Hz: 10 g.
Example:
PC798
Model:
-12
Terminal Option
-1A
Nil: None; N: Nickle Plated Terminals
Coil Voltage: 6 to 24 Volts DC
-30
Fuse Rating
15: 15 Amps, 30: 30 Amps
N
Contact Form
1A


Similar Part No. - PC798

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC798 PICKER-PC798_16 Datasheet
1Mb / 2P
30 Amp Automotive Plug-In Relay with Integral Fuse
PC798 PICKER-PC798_17 Datasheet
1Mb / 2P
30 Amp Automotive Plug-In Relay with Integral Fuse
More results

Similar Description - PC798

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
HG4185A DBLECTRO-HG4185A Datasheet
179Kb / 4P
Automotive Plug-In / PCB Power Relay
logo
Picker Components
PC798 PICKER-PC798_16 Datasheet
1Mb / 2P
30 Amp Automotive Plug-In Relay with Integral Fuse
logo
American Electronic Com...
DG82 AEC-DG82 Datasheet
232Kb / 3P
micro plug-in/pcb automotive relay
DG84 AEC-DG84 Datasheet
269Kb / 3P
micro plug-in/pcb automotive relay
DGC2 AEC-DGC2 Datasheet
281Kb / 3P
micro plug-in automotive relay
logo
Picker Components
PC798 PICKER-PC798_17 Datasheet
1Mb / 2P
30 Amp Automotive Plug-In Relay with Integral Fuse
logo
Willow Technologies Ltd
DG4F WILLOW-DG4F Datasheet
298Kb / 3P
mini plug-in automotive relay with fuse
DG82 WILLOW-DG82 Datasheet
232Kb / 3P
micro plug-in/pcb automotive relay
DG84 WILLOW-DG84 Datasheet
258Kb / 3P
micro plug-in/pcb automotive relay
DGC2 WILLOW-DGC2 Datasheet
281Kb / 3P
micro plug-in automotive relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com