Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC798 Datasheet(PDF) 2 Page - Picker Components

Part # PC798
Description  Automotive Plug-In Relay With Integral Fuse
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC798 Datasheet(HTML) 2 Page - Picker Components

  PC798 Datasheet HTML 1Page - Picker Components PC798 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC798
PC798
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
REFERENCE CURVE
Power Load Limit
COIL DATA
Coil Voltage
Code
06
24
Resistance
ohms + 10%
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Continuous
Voltage Max.
(VDC)
20
80
320
7.8
15.6
1.2
2.4
20.5
39.1
_
3.9
0.6
10.1
12
30
87
85
86
Wiring Diagram
(-)
(+)
Form 1A
Dimensions in Inches (millimeters)
Bottom View
Tolerances + .010 unless otherwise noted
Notes:
(21.0)
.827
(25.2)
.992
(6.3)
.250
(11.5)
.453
(0.8)
.031
(17.9)
.705
(8.4)
.331
(16.9)
.665
87
30
85
86
(34.6)
1.362
(32.0)
1.26
(36.0)
1.417



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com