Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXW Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # AXW
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

AXW Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  AXW Datasheet HTML 1Page - RUBYCON CORPORATION AXW Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW
SERIES
AXW
◆SPECIFICATIONS
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Dissipation Factor(MAX)
(tanδ)
Endurance
Impedance Ratio(MAX)
Items
Characteristics
−25∼+105℃
200∼450V.DC
±20%(20℃,120Hz)
I
=3 CV
(After 5 minutes application of rated voltage)
I
=Leakage Current(μA)     C=Rated Capacitance(μF)     V=Rated Voltage(V)
                   
Rated Voltage
(V)
tanδ
0.12
200∼250
0.15
400
0.2
420∼450
Leakage Current
Dissipation Factor
Capacitance Change
Within ±20% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
After applying rated voltage with rated ripple current for 2000hrs at 105℃, the capacitors shall meet the following requirements.
◆FEATURES
• Load Life : 105℃ 2000 hours.
• Body diameter of φ10mm to φ18mm with high ripple current capability.
• This series is two classes smaller than the current MXW series.
• RoHS compliance.
Rated Voltage
(V)
Z(−25℃)/Z(20℃)
200∼250
3
400∼450
8
(20℃,120Hz)
(120Hz)
◆PART NUMBER
□□□
Rated Voltage
AXW
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Rated Capacitance
□
Capacitance Tolerance
◆MULTIPLIER FOR RIPPLE CURRENT
Frequency
(Hz)
Coefficient
60(50) 120
500
1k
10k≦
0.8
1.0
1.20
1.30
1.40
0.8
200∼250WV
400∼450WV
1.0
1.25
1.40
1.50
 Frequency coefficient


Similar Description - AXW

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBX NIC-NRBX Datasheet
166Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LW NIC-NRE-LW Datasheet
187Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LX NIC-NRE-LX Datasheet
38Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRE-SW NIC-NRE-SW Datasheet
134Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRSA NIC-NRSA Datasheet
168Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRSH NIC-NRSH Datasheet
282Kb / 3P
Miniature Aluminum Electrolytic Capacitors
NRWP NIC-NRWP Datasheet
189Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRWX NIC-NRWX Datasheet
139Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NSRW NIC-NSRW Datasheet
137Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NSRZ NIC-NSRZ Datasheet
121Kb / 1P
Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com