Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXW Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # AXW
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

AXW Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  AXW Datasheet HTML 1Page - RUBYCON CORPORATION AXW Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WV
Cap
(μF)
◆STANDARD SIZE, RATED RIPPLE CURRENT
φD
φ10
φ12.5
φ14.5
φ16
φ18
φ10
φ12.5
φ14.5
φ16
φ18
200
220
10×30
10×35
10×40
0.35
0.40
0.46
12.5×30
12.5×35
12.5×40
0.53
0.62
0.70 14.5×30
14.5×35
14.5×40
0.66
0.80
0.90
16×30
16×35
16×40
0.76
0.88
1.10
18×40
18×45
18×30
18×35
1.13
1.27
0.87
1.01
18×30 0.81
68
82
56
100
120
150
180
220
270
330
390
470
10×30
10×35
10×40
0.29
0.33
0.37
12.5×30
12.5×35
12.5×40
0.43
0.49
0.58 14.5×30
14.5×35
14.5×40
0.58
0.68
0.78
16×30
16×35
16×40
0.67
0.77
0.88
18×40
18×45
18×30
18×35
1.13
0.88
1.01
0.77
WV
Cap
(μF)
φD
φ10
φ12.5
φ14.5
φ16
φ18
φ10
φ12.5
φ14.5
φ16
φ18
250
400
27
33
22
39
68
82
100
47
56
120
150
180
220
270
330
10×30
10×35
10×40
0.27
0.30
0.35
12.5×30
12.5×35
12.5×40
0.40
0.46
0.53 14.5×30
14.5×35
14.5×40
0.53
0.62
0.72
16×30
16×35
16×40
0.62
0.72
0.83
18×40
18×45
18×30
18×35
0.95
1.07
0.72
0.83
10×30
10×35
10×40
0.21
0.24
0.28
12.5×30
12.5×35
12.5×40
0.32
0.37
0.42 14.5×30
14.5×35
14.5×35
0.42
0.48
0.52 16×30
16×35
16×40
0.50
0.58
0.66
18×40
18×45
18×30
18×35
0.77
0.88
0.58
0.67
WV
Cap
(μF)
φD
φ10
φ12.5
φ14.5
φ16
φ18
φ10
φ12.5
φ14.5
φ16
φ18
420
450
15
27
33
39
18
22
47
56
68
82
100
120
10×30
10×35
10×40
0.17
0.20
0.23
12.5×30
12.5×35
12.5×40
0.27
0.31
0.36 14.5×30
14.5×35
14.5×40
0.36
0.43
0.51
16×30
16×35
16×40
0.43
0.51
0.57
18×35
18×40
18×30
18×30
0.61
0.66
0.51
0.57
10×30
10×35
10×40
0.15
0.18
0.21
12.5×30
12.5×35
12.5×40
0.25
0.28
0.32 14.5×30
14.5×35
14.5×40
0.32
0.38
0.44
16×30
16×35
16×40
0.38
0.44
0.49
18×40
18×45
18×30
18×35
0.65
0.74
0.48
0.55
Please check with us about individual WV, Cap., size and dimensions.
Size φD×L(mm)
Ripple Current (A r.m.s./105℃, 120Hz)
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW
◆DIMENSIONS
(mm)
φD
φd
F
α
10
12.5
0.6
5.0
14.5
18
16
0.8
7.5
2.0
L+α MAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com