Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3852 Datasheet(PDF) 39 Page - Toshiba Semiconductor

Part # 2SC3852
Description  COLOR TELEVISION N1PS Chassis
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3852 Datasheet(HTML) 39 Page - Toshiba Semiconductor

Back Button 2SC3852 Datasheet HTML 35Page - Toshiba Semiconductor 2SC3852 Datasheet HTML 36Page - Toshiba Semiconductor 2SC3852 Datasheet HTML 37Page - Toshiba Semiconductor 2SC3852 Datasheet HTML 38Page - Toshiba Semiconductor 2SC3852 Datasheet HTML 39Page - Toshiba Semiconductor 2SC3852 Datasheet HTML 40Page - Toshiba Semiconductor 2SC3852 Datasheet HTML 41Page - Toshiba Semiconductor 2SC3852 Datasheet HTML 42Page - Toshiba Semiconductor 2SC3852 Datasheet HTML 43Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
– 39 –
Location
Location
Location
Location
Location
Parts No.
Parts No.
Parts No.
Parts No.
Parts No.
Description
Description
Description
Description
Description
No.
No.
No.
No.
No.
Location
Location
Location
Location
Location
Parts No.
Parts No.
Parts No.
Parts No.
Parts No.
Description
Description
Description
Description
Description
No.
No.
No.
No.
No.
D611
23118041
DIODE, MA111
D612
23316557
DIODE, HSM221C
D613
23118041
DIODE, MA111
D614
23118041
DIODE, MA111
D704
23118859
DIODE, 1SS133
D705
23118859
DIODE, 1SS133
D715
23118859
DIODE, 1SS133
D721
23118859
DIODE, 1SS133
D801
23357041
DIODE, LN6SB60-F05
D801B
70391356
SCREW
D835
23118096
DIODE, RK34
D836
23316782
DIODE, ZENER, MTZJ6.2C
D837
23316678
DIODE, ZENER, MTZJ6.8B
D840
23316962
DIODE, S1WBA20
D845
23118859
DIODE, 1SS133
D855
23118859
DIODE, 1SS133
D862
23316472
DIODE, RGP10J
D864
23316813
DIODE, EG1
D873
23316690
DIODE, ZENER, MTZJ10B
D875
23316689
DIODE, ZENER, MTZJ10A
D876
23316747
DIODE, ZENER, MTZJ27C
D879
23316747
DIODE, ZENER, MTZJ27C
D881
23118859
DIODE, 1SS133
D883
23357018
DIODE, VRM=350V IF=2A S-R DO15L RL2
D884
23357018
DIODE, VRM=350V IF=2A S-R DO15L RL2
D885
23316819
DIODE, RU4YX
D886
23316819
DIODE, RU4YX
D892
23316184
DIODE, FML-G12S
D892B
70391355
SCREW, 3X8MM
D893
23316184
DIODE, FML-G12S
D893B
70391355
SCREW, 3X8MM
D895
23118094
DIODE, EU2A
D896
23118094
DIODE, EU2A
D899
24019485
VARISTOR, V1=430V 3500A TNR10V431K
D901
23118859
DIODE, 1SS133
D904
23118859
DIODE, 1SS133
D905
23118859
DIODE, 1SS133
D906
23118859
DIODE, 1SS133
D907
23118859
DIODE, 1SS133
D908
23118859
DIODE, 1SS133
D909
23118859
DIODE, 1SS133
D911
A7568250
DIODE, 1S1834
D921
A7568250
DIODE, 1S1834
D931
23118859
DIODE, 1SS133
D932
23118859
DIODE, 1SS133
D933
23118859
DIODE, 1SS133
D934
23118859
DIODE, 1SS133
D941
23118859
DIODE, 1SS133
D942
23118859
DIODE, 1SS133
D943
23118859
DIODE, 1SS133
D946
23118859
DIODE, 1SS133
D963
23118859
DIODE, 1SS133
D964
23118859
DIODE, 1SS133
D965
23118859
DIODE, 1SS133
D966
23118859
DIODE, 1SS133
D970
23118859
DIODE, 1SS133
D4385
23316680
DIODE, ZENER, MTZJ7.5A
D4386
23118859
DIODE, 1SS133
D4461
23118041
DIODE, MA111
D4818
23316749
DIODE, ZENER, MTZJ30A
D4819
A7801168
SCR, VRRM=400V IT(AV)0.3A
DA02
23316574
DIODE, ZENER CHIP VZ6.05-6.36V
MA8062-M
DA11
23118859
DIODE, 1SS133
DA23
23118041
DIODE, MA111
DA43
23118041
DIODE, MA111
DA44
23118041
DIODE, MA111
DA45
23118041
DIODE, MA111
DA46
23118041
DIODE, MA111
DA70
23118041
DIODE, MA111
DA170
23316575
DIODE, ZENER CHIP VZ6.24-6.56V
MA8062-H
DB01
23358564
LED, LAMP RED SLR-56VC3FPQ
DB03
23358522
DIODE, LED, SIR-56SB3F
DB05
23316675
DIODE, ZENER, MTZJ6.2B
DB30
23118041
DIODE, MA111
DB31
23118041
DIODE, MA111
DB40
23118041
DIODE, MA111
DJ01
23118859
DIODE, 1SS133
DJ02
23316726
DIODE, ZENER, MTZJ15C
DR90
23118041
DIODE, MA111
DS106
23316583
DIODE, ZENER CHIP VZ3.87-4.10V
MA8039-H
DS120
23316740
DIODE, ZENER VZ21.52-22.63 DO34
MTZ J 22D
DV01
23316587
DIODE, ZENER CHIP VZ8.58-9.02V
MA8091-L
DV02
23316587
DIODE, ZENER CHIP VZ8.58-9.02V
MA8091-L
DV03
23316587
DIODE, ZENER CHIP VZ8.58-9.02V
MA8091-L
DV07
23316587
DIODE, ZENER CHIP VZ8.58-9.02V
MA8091-L
DV08
23316587
DIODE, ZENER CHIP VZ8.58-9.02V
MA8091-L
DV09
23316587
DIODE, ZENER CHIP VZ8.58-9.02V
MA8091-L
DV11
23316587
DIODE, ZENER CHIP VZ8.58-9.02V
MA8091-L
DV13
23316587
DIODE, ZENER CHIP VZ8.58-9.02V
MA8091-L
DV17
23316587
DIODE, ZENER CHIP VZ8.58-9.02V
MA8091-L
DV18
23316587
DIODE, ZENER CHIP VZ8.58-9.02V
MA8091-L
DV121
23316587
DIODE, ZENER CHIP VZ8.58-9.02V
MA8091-L
DV161
23316591
DIODE, ZENER, MA8100-M
DV162
23316591
DIODE, ZENER, MA8100-M
DV163
23316591
DIODE, ZENER, MA8100-M
DV164
23316591
DIODE, ZENER, MA8100-M
DV165
23316591
DIODE, ZENER, MA8100-M
DV166
23316591
DIODE, ZENER, MA8100-M
MISCELLANEOUS
B230
23037312
SCREW
B231
23035412
SCREW
B232
23035312
SCREW
BB13A 23903022
CONNECTOR, BASE B-B 8P 2.5 JST
BB13B
23903022
CONNECTOR, BASE B-B 8P 2.5 JST
BB14A 23713014
BRIDGE PLUG 16P 1.5
BB14B
23713013
BASE SOCKET 16P 1.5
BB160
23368627
CONNECTOR, BRIDGE B-B 8P 2.5JST
08TM-2.5FJ-E
BB16A 23903022
CONNECTOR, BASE B-B 8P 2.5 JST
BB16B
23903022
CONNECTOR, BASE B-B 8P 2.5 JST
BB50A 23713014
BRIDGE PLUG 16P 1.5
BB50B
23713013
BASE SOCKET 16P 1.5
BB60A 23713014
BRIDGE PLUG 16P 1.5
BB60B
23713013
BASE SOCKET 16P 1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com