Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3852 Datasheet(PDF) 28 Page - Toshiba Semiconductor

Part # 2SC3852
Description  COLOR TELEVISION N1PS Chassis
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3852 Datasheet(HTML) 28 Page - Toshiba Semiconductor

Back Button 2SC3852 Datasheet HTML 24Page - Toshiba Semiconductor 2SC3852 Datasheet HTML 25Page - Toshiba Semiconductor 2SC3852 Datasheet HTML 26Page - Toshiba Semiconductor 2SC3852 Datasheet HTML 27Page - Toshiba Semiconductor 2SC3852 Datasheet HTML 28Page - Toshiba Semiconductor 2SC3852 Datasheet HTML 29Page - Toshiba Semiconductor 2SC3852 Datasheet HTML 30Page - Toshiba Semiconductor 2SC3852 Datasheet HTML 31Page - Toshiba Semiconductor 2SC3852 Datasheet HTML 32Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
– 28 –
Location
Location
Location
Location
Location
Parts No.
Parts No.
Parts No.
Parts No.
Parts No.
Description
Description
Description
Description
Description
No.
No.
No.
No.
No.
Location
Location
Location
Location
Location
Parts No.
Parts No.
Parts No.
Parts No.
Parts No.
Description
Description
Description
Description
Description
No.
No.
No.
No.
No.
R963
24383153
OXIDE METAL FILM, 2W 15K OHM J
R964
24383153
OXIDE METAL FILM, 2W 15K OHM J
R965
24383153
OXIDE METAL FILM, 2W 15K OHM J
R967
24366682
CARBON FILM, 1/6W 6.8K OHM J
R968
24366332
CARBON F1LM, 1/6W 3.3K OHM J
R969
24366122
CARBON FILM, 1/6W 1.2K OHM J
R970
24366472
CARBON FILM, 1/6W 4.7K OHM J
R971
24366332
CARBON F1LM, 1/6W 3.3K OHM J
R972
24366102
CARBON FILM, 1/6W 1K OHM J
R973
24366103
CARBON FILM, 1/6W 10K OHM J
R974
24366103
CARBON FILM, 1/6W 10K OHM J
R975
24366102
CARBON FILM, 1/6W 1K OHM J
R976
24366102
CARBON FILM, 1/6W 1K OHM J
R977
24366561
CARBON FILM, 1/6W 560 OHM J
R978
24383153
OXIDE METAL FILM, 2W 15K OHM J
R979
24383153
OXIDE METAL FILM, 2W 15K OHM J
R980
24366471
CARBON F1LM, 1/6W 470 OHM J
R981
24366471
CARBON F1LM, 1/6W 470 OHM J
R982
24366682
CARBON FILM, 1/6W 6.8K OHM J
R983
24366222
CARBON FILM, 1/6W 2.2K OHM J
R984
24367821
CARBON,FILM SB 1/6W 820. G
R985
24367471
CARBON FILM, 1/6W 470 OHM G
R986
24367681
CARBON FILM, 1/6W 680 OHM G
R987
24367681
CARBON FILM, 1/6W 680 OHM G
R988
24367472
CARBON FOLM, 1/6W 4.7K OHM G
R989
24367472
CARBON FOLM, 1/6W 4.7K OHM G
R990
24366561
CARBON FILM, 1/6W 560 OHM J
R991
24367391
CARBON FILM, 1/6W 390 OHM G
R992
24366150
CARBON FILM, 1/6W 15 OHM J
R993
24383153
OXIDE METAL FILM, 2W 15K OHM J
R994
24383153
OXIDE METAL FILM, 2W 15K OHM J
R995
24383153
OXIDE METAL FILM, 2W 15K OHM J
R996
24383153
OXIDE METAL FILM, 2W 15K OHM J
R997
24366272
CARBON FILM, 1/6W 2.7K OHM J
R998
24366102
CARBON FILM, 1/6W 1K OHM J
R999
24366102
CARBON FILM, 1/6W 1K OHM J
R2020
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
R2060
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
R2061
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
R2105
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
R2106
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
R2107
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
R2108
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
R2109
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
R2110
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
R2149
24871681
CHIP, METAL FILM, 1/8W 680 OHM J
R2150
24871681
CHIP, METAL FILM, 1/8W 680 OHM J
R2151
24871681
CHIP, METAL FILM, 1/8W 680 OHM J
R2152
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
R2153
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
R2154
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
R3105
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
R3106
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
R3110
24011224
METAL FILM CHIP 1/20W 220K J
R4201
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
R4202
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
R4203
24011561
METAL FILM CHIP 1/20W 560 J
R4204
24011152
CHIP, METAL FILM, 1/20W 1.5K OHM J
R4228
24011682
METAL FILM CHIP 1/20W 6.8K J
R4310
24366183
CARBON FILM, 1/6W 18K OHM J
R4311
24366563
CARBON FILM, 1/6W 56K OHM J
R4385
24366822
CARBON FILM, 1/6W 8.2K OHM J
R4386
24366331
CARBON FILM, 1/6W 330 OHM J
R4402
24011105
CHIP, METAL FILM, 1/20W 1M OHM J
R4406
24011622
METAL FILM CHIP 1/20W 6.2K J
R4407
24011361
METAL FILM CHIP 1/20W 360 J
R4410
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
R4416
24011471
METAL FILM CHIP 1/20W 470 J
R4417
24011471
METAL FILM CHIP 1/20W 470 J
R4422
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
R4425
24552471
OXIDE METAL FILM, 1/2W 470 OHM J
R4460
24366102
CARBON FILM, 1/6W 1K OHM J
R4461
24366102
CARBON FILM, 1/6W 1K OHM J
R4462
24366133
CARBON FILM, 1/6W 13K OHM J
R4463
24366682
CARBON FILM, 1/6W 6.8K OHM J
R4463
24011471
METAL FILM CHIP 1/20W 470 J
R4464
24011302
METAL FILM CHIP 1/20W 3K J
R4466
24366103
CARBON FILM, 1/6W 10K OHM J
R4467
24366103
CARBON FILM, 1/6W 10K OHM J
R4468
24366562
CARBON FILM, 1/6W 5.6K OHM J
R4469
24366102
CARBON FILM, 1/6W 1K OHM J
R4470
24366393
CARBON FILM, 1/6W 39K OHM J
R4471
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
R4472
24011223
METAL FILM CHIP 1/20W 22K J
R4560
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
R4561
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
R4761
24366102
CARBON FILM, 1/6W 1K OHM J
R4762
24366104
CARBON FILM, 1/6W 100K OHM J
R4763
24366472
CARBON FILM, 1/6W 4.7K OHM J
R4764
24366104
CARBON FILM, 1/6W 100K OHM J
R4765
24366221
CARBON FILM, 1/6W 220 OHM J
R4766
24366202
CARBON FILM, 1/6W 2K OHM J
R4767
24003984
METAL RES S 1/4W 102J
R4768
24366622
CARBON FILM, 1/6W 6.2K OHM J
R4816
24366471
CARBON F1LM, 1/6W 470 OHM J
R4818
24366681
CARBON FILM, 1/6W 680 OHM J
R4819
24366102
CARBON FILM, 1/6W 1K OHM J
R4820
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
R5020
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
R5030
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
R9701
24366821
CARBON FILM, 1/6W 820 OHM J
RA01
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RA02
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RA03
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RA04
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RA05
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RA06
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RA07
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RA09
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RA10
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RA12
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RA13
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RA15
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RA16
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RA17
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RA21
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RA22
24011682
METAL FILM CHIP 1/20W 6.8K J
RA23
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RA26
24011333
METAL FILM CHIP 1/20W 33K J
RA28
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RA30
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RA32
24011682
METAL FILM CHIP 1/20W 6.8K J
RA33
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
RA35
24011152
CHIP, METAL FILM, 1/20W 1.5K OHM J
RA36
24011332
METAL FILM CHIP 1/20W 3.3K J
RA37
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RA38
24872101
CHIP, METAL FILM, 1/16W 100 OHM J
RA39
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RA40
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RA41
24011332
METAL FILM CHIP 1/20W 3.3K J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com