Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5243 Datasheet(PDF) 25 Page - Toshiba Semiconductor

Part # 2SC5243
Description  COLOR TELEVISION
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5243 Datasheet(HTML) 25 Page - Toshiba Semiconductor

Back Button 2SC5243 Datasheet HTML 21Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 22Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 23Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 24Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 25Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 26Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 27Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 28Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 29Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
– 25 –
Location
Location
Location
Location
Location
Parts No.
Parts No.
Parts No.
Parts No.
Parts No.
Description
Description
Description
Description
Description
No.
No.
No.
No.
No.
Location
Location
Location
Location
Location
Parts No.
Parts No.
Parts No.
Parts No.
Parts No.
Description
Description
Description
Description
Description
No.
No.
No.
No.
No.
CY605
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CY606
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CY613
24105330
CERAMIC CHIP CC73CH 50V 33PF J
CY614
24105820
CERAMIC CHIP CC73CH 50V 82PF J
CY616
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CY617
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CY621
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CY622
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CY623
24105101
CERAMIC CHIP CC73CH 50V 100PF J
CY624
24105101
CERAMIC CHIP CC73CH 50V 100PF J
CY661
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CY662
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CY663
24105101
CERAMIC CHIP CC73CH 50V 100PF J
CY664
24105101
CERAMIC CHIP CC73CH 50V 100PF J
CY813
24092538
CERAMIC CHIP CK73F 10V 1UF Z
CY822
24105330
CERAMIC CHIP CC73CH 50V 33PF J
CY824
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CY825
24092538
CERAMIC CHIP CK73F 10V 1UF Z
CY826
24105330
CERAMIC CHIP CC73CH 50V 33PF J
CY827
24105330
CERAMIC CHIP CC73CH 50V 33PF J
CY828
24105330
CERAMIC CHIP CC73CH 50V 33PF J
CY829
24105330
CERAMIC CHIP CC73CH 50V 33PF J
CY830
24105330
CERAMIC CHIP CC73CH 50V 33PF J
CY900
24619151
MENJISSOU TYP 6.3V470U
CZ02
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CZ03
24092730
CERAMIC CHIP, 16V 0.1UF K
CZ04
24105181
CERAMIC CHIP CC73CH 50V 180PF J
CZ05
24105680
CERAMIC CHIP CC73CH 50V 68PF J
CZ06
24105330
CERAMIC CHIP CC73CH 50V 33PF J
CZ08
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CZ09
24109103
CERAMIC CHIP CK73B 50V 10000PF K
CZ10
24619157
MENJISSOU TYP 16V100U
CZ11
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CZ12
24105101
CERAMIC CHIP CC73CH 50V 100PF J
CZ13
24105101
CERAMIC CHIP CC73CH 50V 100PF J
CZ14
24105151
CERAMIC CHIP CC73CH 50V 150PF J
CZ27
24092538
CERAMIC CHIP CK73F 10V 1UF Z
CZ28
24109561
CERAMIC CHIP CK73B 50V 560PF K
CZ29
24092538
CERAMIC CHIP CK73F 10V 1UF Z
CZ30
24092730
CERAMIC CHIP, 16V 0.1UF K
CZ31
24092730
CERAMIC CHIP, 16V 0.1UF K
CZ32
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CZ33
24109102
CERAMIC CHIP CK73B 50V 1000PF K
CZ34
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CZ35
24619070
MENNJISSOU, 1U 50V UWX1H010MCR1
CZ36
24619151
MENJISSOU TYP 6.3V470U
CZ37
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CZ38
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CZ39
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CZ40
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CZ41
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CZ42
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CZ43
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CZ44
24092730
CERAMIC CHIP, 16V 0.1UF K
CZ45
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CZ46
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CZ47
24105820
CERAMIC CHIP CC73CH 50V 82PF J
CZ48
24092730
CERAMIC CHIP, 16V 0.1UF K
CZ49
24092730
CERAMIC CHIP, 16V 0.1UF K
CZ50
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CZ51
24092730
CERAMIC CHIP, 16V 0.1UF K
CZ52
24092730
CERAMIC CHIP, 16V 0.1UF K
CZ54
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CZ57
24105181
CERAMIC CHIP CC73CH 50V 180PF J
CZ58
24105560
CERAMIC CHIP CC73CH 50V 56PF J
CZ60
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CZ77
24092730
CERAMIC CHIP, 16V 0.1UF K
CZ96
24105270
CERAMIC CHIP CC73CH 50V 27PF J
CZ101
24092441
CHIP CERA CK732F 16V 1UF Z
CZ102
24619157
MENJISSOU TYP 16V100U
CZ103
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CZ104
24109103
CERAMIC CHIP CK73B 50V 10000PF K
CZ105
24109103
CERAMIC CHIP CK73B 50V 10000PF K
CZ106
24109103
CERAMIC CHIP CK73B 50V 10000PF K
CZ108
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CZ109
24105101
CERAMIC CHIP CC73CH 50V 100PF J
CZ111
24109103
CERAMIC CHIP CK73B 50V 10000PF K
CZ112
24105181
CERAMIC CHIP CC73CH 50V 180PF J
CZ113
24109103
CERAMIC CHIP CK73B 50V 10000PF K
CZ114
24109103
CERAMIC CHIP CK73B 50V 10000PF K
CZ115
24105390
CERAMIC CHIP CC73CH 50V 39PF J
CZ116
24105470
CERAMIC CHIP CC73CH 50V 47PF J
CZ117
24105680
CERAMIC CHIP CC73CH 50V 68PF J
CZ800
24105330
CERAMIC CHIP CC73CH 50V 33PF J
CZ802
24105330
CERAMIC CHIP CC73CH 50V 33PF J
CZ804
24105330
CERAMIC CHIP CC73CH 50V 33PF J
CZ805
24105330
CERAMIC CHIP CC73CH 50V 33PF J
CZ806
24105330
CERAMIC CHIP CC73CH 50V 33PF J
CZ809
24105330
CERAMIC CHIP CC73CH 50V 33PF J
CZ810
24105330
CERAMIC CHIP CC73CH 50V 33PF J
CZ811
24105330
CERAMIC CHIP CC73CH 50V 33PF J
CZ812
24105330
CERAMIC CHIP CC73CH 50V 33PF J
RESISTORS
R101
24553183
OXIDE RES B 1W 183J
R150
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
R151
24011562
METAL FILM CHIP 1/20W 5.6K J
R152
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
R171
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
R172
24011273
METAL FILM CHIP 1/20W 27K J
R173
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
R174
24011273
METAL FILM CHIP 1/20W 27K J
R201
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
R202
24011471
METAL FILM CHIP 1/20W 470 J
R203
24000445
CHIP JUMPER, 1608TYPE
R204
24000445
CHIP JUMPER, 1608TYPE
R207
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
R208
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
R209
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
R210
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
R212
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
R213
24011123
CHIP, METAL FILM, 1/20W 12K OHM J
R214
24011222
METAL FILM CHIP 1/20W 2.2K J
R215
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
R217
24366103
CARBON FILM, 1/6W 10K OHM J
R218
24367303
CARBON,FILM G SB 1/6W 30K G
R219
24366393
CARBON FILM, 1/6W 39K OHM J
R220
24366473
CARBON FILM, 1/6W 47K OHM J
R227
24367273
CARBON FILM, 1/6W 27K OHM G
R227
24367363
CARBON FILM 1/6W 36K G
R228
24367682
CARBON FILM, 1/6W 6.8K OHM G
R245
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
R303
24321109
OXIDE METAL FILM, 1/2W 1 OHM J
R305
24323688
OXIDE METAL FILM, 2W 0.68 OHM J
R306
24366473
CARBON FILM, 1/6W 47K OHM J
R309
24366154
CARBON FILM, 1/6W 150K OHM J
R310
24366102
CARBON FILM, 1/6W 1K OHM J
R312
24366153
CARBON FILM, 1/6W 15K OHM J
R313
24366153
CARBON FILM, 1/6W 15K OHM J
R314
24011101
CHIP, METAL FILM, 1/20W 100 OHM J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com