Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5243 Datasheet(PDF) 26 Page - Toshiba Semiconductor

Part # 2SC5243
Description  COLOR TELEVISION
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5243 Datasheet(HTML) 26 Page - Toshiba Semiconductor

Back Button 2SC5243 Datasheet HTML 22Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 23Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 24Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 25Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 26Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 27Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 28Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 29Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 30Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
– 26 –
Location
Location
Location
Location
Location
Parts No.
Parts No.
Parts No.
Parts No.
Parts No.
Description
Description
Description
Description
Description
No.
No.
No.
No.
No.
Location
Location
Location
Location
Location
Parts No.
Parts No.
Parts No.
Parts No.
Parts No.
Description
Description
Description
Description
Description
No.
No.
No.
No.
No.
R315
24011474
METAL FILM CHIP 1/20W 470K J
R317
24366472
CARBON FILM, 1/6W 4.7K OHM J
R318
24366101
CARBON FILM, 1/6W 100 OHM J
R319
24366101
CARBON FILM, 1/6W 100 OHM J
R320
24366101
CARBON FILM, 1/6W 100 OHM J
R321
24366474
CARBON FILM, 1/6W 470K OHM J
R322
24366394
CARBON FILM, 1/6W 390K OHM J
R323
24366274
CARBON,FILM G SB 1/6W 270K J
R324
24366334
CARBON FILM, 1/6W 330K OHM J
R328
24366202
CARBON FILM, 1/6W 2K OHM J
R329
24366153
CARBON FILM, 1/6W 15K OHM J
R330
24366102
CARBON FILM, 1/6W 1K OHM J
R331
24366184
CARBON FILM, 1/6W 18OK OHM J
R336
24383271
OXIDE METAL FILM, 2W 270 OHM J
R342
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
R344
24553102
OXIDE METAL FILM, 1W 1K OHM J
R344
24011222
METAL FILM CHIP 1/20W 2.2K J
R354
24366431
CARBON FILM, 1/6W 430 OHM J
R357
24381100
OXIDE FILM 1/2W 10 J
R358
24383101
OXIDE METAL FILM, 2W 100 OHM J
R359
24366103
CARBON FILM, 1/6W 10K OHM J
R360
24366103
CARBON FILM, 1/6W 10K OHM J
R360
24011223
METAL FILM CHIP 1/20W 22K J
R361
24011183
METAL FILM CHIP 1/20W 18K J
R361
24366102
CARBON FILM, 1/6W 1K OHM J
R361
24011223
METAL FILM CHIP 1/20W 22K J
R362
24366103
CARBON FILM, 1/6W 10K OHM J
R362
24011223
METAL FILM CHIP 1/20W 22K J
R363
24366103
CARBON FILM, 1/6W 10K OHM J
R363
24011472
METAL FILM CHIP 1/20W 4.7K J
R364
24366332
CARBON F1LM, 1/6W 3.3K OHM J
R365
24366681
CARBON FILM, 1/6W 680 OHM J
R366
24366471
CARBON F1LM, 1/6W 470 OHM J
R367
24366472
CARBON FILM, 1/6W 4.7K OHM J
R368
24366333
CARBON FILM, 1/6W 33K OHM J
R369
24366433
CARBON,FILM G SB 1/6W 43K J
R371
24366562
CARBON FILM, 1/6W 5.6K OHM J
R372
24366392
CARBON FILM, 1/6W 3.9K OHM J
R373
24366182
CARBON FILM, 1/6W 1.8K OHM J
R374
24366473
CARBON FILM, 1/6W 47K OHM J
R379
24382103
OXIDE METAL FILM, 1W 10K OHM J
R380
24946226
CARBON CONPOSITI0N, 1/2W 22M OHM K
R381
24366822
CARBON FILM, 1/6W 8.2K OHM J
R392
24552102
OXIDE METAL FILM, 1/2W 1K OHM J
R394
24366102
CARBON FILM, 1/6W 1K OHM J
R395
24366103
CARBON FILM, 1/6W 10K OHM J
R396
24366103
CARBON FILM, 1/6W 10K OHM J
R397
24366103
CARBON FILM, 1/6W 10K OHM J
R398
24366184
CARBON FILM, 1/6W 18OK OHM J
R400
24946561
CARBON COMPOSITION GF 1/2W 560 K
R401
24011361
METAL FILM CHIP 1/20W 360 J
R402
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
R403
24011272
METAL FILM CHIP 1/20W 2.7K J
R405
24553682
OXIDE METAL FILM, 1W 6.8K OHM J
R409
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
R411
24366180
CARBON RES G 1/6W 180J
R412
24323228
METAL FILM, 2W 0.22 OHM J
R413
24011182
METAL FILM CHIP 1/20W 1.8K J
R415
24383271
OXIDE METAL FILM, 2W 270 OHM J
R416
24383820
CAPACITOR, OXIDE FILM 2W 82. J
R417
24366182
CARBON FILM, 1/6W 1.8K OHM J
R418
24366182
CARBON FILM, 1/6W 1.8K OHM J
R422
24011472
METAL FILM CHIP 1/20W 4.7K J
R423
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
R424
24321229
OXIDE METAL FILM, 1/2W 2.2 OHM J
R424
24011272
METAL FILM CHIP 1/20W 2.7K J
R425
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
R426
24381363
OXIDE FILM 1/2W 36K J
R433
24366101
CARBON FILM, 1/6W 100 OHM J
R435
24327224
METAL FILM, 1/4W 220K OHM F
R438
24552152
OXIDE METAL FILM, 1/2W 1.5K OHM J
R439
24381100
OXIDE FILM 1/2W 10 J
R441
24383181
OXIDE RES B 2W 181J
R447
24382473
OXIDE METAL FILM, 1W 47K OHM J
R448
24321338
OXIDE METAL FILM, 1/2W 0.33 OHM J
R452
24061546
VARIABLE METAL FILM 1W 100 M
R461
24366183
CARBON FILM, 1/6W 18K OHM J
R462
24367333
CARBON FILM, 1/6W 33K OHM G
* R467
24000524
METAL FILM 1/4W 4.3K F
* R468
24000632
METAL FILM 1/4W 9.1K F
R470
24323518
OXIDE METAL FILM, 2W 0.51 OHM J
R471
24381301
OXIDE METAL FILM, 1/2W 300 OHM J
R472
24554270
OXIDE RES B 2W 270J
R473
24000221
METAL FILM, 1/4W 20K OHM F
R474
24366822
CARBON FILM, 1/6W 8.2K OHM J
R475
24366912
CARBON FILM, 1/6W 9.1K OHM J
R476
24000221
METAL FILM, 1/4W 20K OHM F
R477
24366102
CARBON FILM, 1/6W 1K OHM J
R478
24338688
METAL FILM 1W R68 J
R479
24381131
OXIDE METAL FILM, 1/2W 130 OHM J
R480
24366472
CARBON FILM, 1/6W 4.7K OHM J
R481
24366103
CARBON FILM, 1/6W 10K OHM J
R482
24366182
CARBON FILM, 1/6W 1.8K OHM J
R483
24011223
METAL FILM CHIP 1/20W 22K J
R484
24366223
CARBON FILM, 1/6W 22K OHM J
R485
24366223
CARBON FILM, 1/6W 22K OHM J
R485
24011472
METAL FILM CHIP 1/20W 4.7K J
R486
24011622
METAL FILM CHIP 1/20W 6.2K J
R487
24011474
METAL FILM CHIP 1/20W 470K J
R488
24011154
METAL FILM CHIP 1/20W 150K J
R491
24366122
CARBON FILM, 1/6W 1.2K OHM J
R492
24366122
CARBON FILM, 1/6W 1.2K OHM J
R493
24366123
CARBON FILM, 1/6W 12K OHM J
R494
24366184
CARBON FILM, 1/6W 18OK OHM J
R496
24382104
OXIDE METAL FILM, 1W 100K OHM J
R499
24322109
METAL FILM, 1W 1 OHM J
R501
24011303
METAL FILM CHIP 1/20W 30K J
R503
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
R505
24011152
CHIP, METAL FILM, 1/20W 1.5K OHM J
R506
24011272
METAL FILM CHIP 1/20W 2.7K J
R508
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
R509
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
R510
24011471
METAL FILM CHIP 1/20W 470 J
R511
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
R512
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
R513
24011104
CHIP, METAL FILM, 1/20W 100K OHM J
R514
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
R515
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
R520
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
R521
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
R525
24011752
METAL FILM CHIP 1/20W 7.5K J
R526
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
R530
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
R531
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
R532
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
R543
24011680
METAL FILM CHIP 1/20W 68 J
R548
24011680
METAL FILM CHIP 1/20W 68 J
R552
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
R553
24011680
METAL FILM CHIP 1/20W 68 J
R560
24011103
CHIP, METAL FILM, 1/20W 10K OHM J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com